Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E195 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100E195
Description  5V ECL Programmable Delay Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E195 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E195 Datasheet HTML 1Page - ON Semiconductor MC100E195 Datasheet HTML 2Page - ON Semiconductor MC100E195 Datasheet HTML 3Page - ON Semiconductor MC100E195 Datasheet HTML 4Page - ON Semiconductor MC100E195 Datasheet HTML 5Page - ON Semiconductor MC100E195 Datasheet HTML 6Page - ON Semiconductor MC100E195 Datasheet HTML 7Page - ON Semiconductor MC100E195 Datasheet HTML 8Page - ON Semiconductor MC100E195 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 10
1
Publication Order Number:
MC10E195/D
MC10E195, MC100E195
5VECL Programmable
Delay Chip
Description
The MC10E/100E195 is a programmable delay chip (PDC)
designed primarily for clock de-skewing and timing adjustment. It
provides variable delay of a differential ECL input transition.
The delay section consists of a chain of gates organized as shown in
the logic symbol. The first two delay elements feature gates that have
been modified to have delays 1.25 and 1.5 times the basic gate delay of
approximately 80 ps. These two elements provide the E195 with a
digitally-selectable resolution of approximately 20 ps. The required
device delay is selected by the seven address inputs D[0:6], which are
latched on chip by a high signal on the latch enable (LEN) control.
Because the delay programmability of the E195 is achieved by
purely differential ECL gate delays the device will operate at
frequencies of > 1.0 GHz while maintaining over 600 mV of output
swing.
The E195 thus offers very fine resolution, at very high frequencies,
that is selectable entirely from a digital input allowing for very
accurate system clock timing.
An eighth latched input, D7, is provided for cascading multiple
PDC’s for increased programmable range. The cascade logic allows
full control of multiple PDC’s, at the expense of only a single added
line to the data bus for each additional PDC, without the need for any
external gating.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Features
2.0 ns Worst Case Delay Range
≈20 ps/Delay Step Resolution
>1.0 GHz Bandwidth
On Chip Cascade Circuitry
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection: Human Body Model; > 2 kV,
Machine Model; > 200 V
Meets or Exceeds JEDEC Spec EIA/JESD78 IC
Latchup Test
Moisture Sensitivity Level: Pb = 1; Pb−Free = 3
For Additional Information, see Application Note
AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 368 devices
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAM*
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
PLCC−28
FN SUFFIX
CASE 776
MCxxxE195FNG
AWLYYWW
1
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100E195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E195 ONSEMI-MC100E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
MC100E195FNG ONSEMI-MC100E195FNG Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
More results

Similar Description - MC100E195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com