Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E196 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10E196
Description  5V ECL Programmable Delay Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E196 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10E196_06 Datasheet HTML 2Page - ON Semiconductor MC10E196_06 Datasheet HTML 3Page - ON Semiconductor MC10E196_06 Datasheet HTML 4Page - ON Semiconductor MC10E196_06 Datasheet HTML 5Page - ON Semiconductor MC10E196_06 Datasheet HTML 6Page - ON Semiconductor MC10E196_06 Datasheet HTML 7Page - ON Semiconductor MC10E196_06 Datasheet HTML 8Page - ON Semiconductor MC10E196_06 Datasheet HTML 9Page - ON Semiconductor MC10E196_06 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC10E196, MC100E196
http://onsemi.com
6
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 13)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
>1.0
GHz
tPLH
tPHL
Propagation Delay
IN to Q; Tap = 0
IN to Q; Tap = 127
EN to Q; Tap = 0
D7 to CASCADE
1210
3320
1250
300
1360
3570
1450
450
1510
3820
1650
700
1240
3380
1275
300
1390
3630
1475
450
1540
3880
1675
700
1440
3920
1350
300
1590
4270
1650
450
1765
4720
1950
700
ps
tRANGE
Programmable Range
tPD (max) − tPD (min)
2000
2175
2050
2240
2375
2580
ps
Dt
Step Delay (Note 14)
D0 High
D1 High
D2 High
D3 High
D4 High
D5 High
D6 High
55
115
250
505
1000
17
34
68
136
272
544
1088
105
180
325
620
1190
55
115
250
515
1030
17.5
35
70
140
280
560
1120
105
180
325
620
1220
65
140
305
620
1240
21
42
84
168
336
672
1344
120
205
380
740
1450
ps
Lin
Linearity (Note 15)
D1
D0
D1
D0
D1
D0
tSKEW
Duty Cycle Skew
tPHL−tPLH (Note 16)
±30
±30
±30
ps
tJITTER
Random Clock Jitter (RMS)
< 5
< 5
< 5
ps
ts
Setup Time
D to LEN
D to IN (Note 17)
EN to IN (Note 18)
200
800
200
0
200
800
200
0
200
800
200
0
ps
th
Hold Time
LEN to D
IN to EN (Note 19)
500
0
250
500
0
250
500
0
250
ps
tR
Release Time
EN to IN (Note 20)
SET MAX to LEN
SET MIN to LEN
300
800
800
300
800
800
300
800
800
ps
tjit
Random Clock Jitter (RMS)
< 5
< 5
< 5
ps
tr
tf
Output Rise/Fall Time
20−80% (Q)
20−80% (CASCADE)
125
300
225
450
325
650
125
300
225
450
325
650
125
300
225
450
325
650
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
13.10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
14.Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations
of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range.
15.The linearity specification guarantees to which delay control input the programmable steps will be monotonic (i.e. increasing delay steps for
increasing binary counts on the control inputs Dn). Typically the device will be monotonic to the D0 input, however under worst case conditions
and process variation, delays could decrease slightly with increasing binary counts when the D0 input is the LSB. With the D1 input as the
LSB the device is guaranteed to be monotonic over all specified environmental conditions and process variation.
16.Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
17.This setup time defines the amount of time prior to the input signal the delay tap of the device must be set.
18.This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75 mV to that IN/IN transition.
19.This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response
greater than ±75 mV to that IN/IN transition.
20.This release time is the minimum time that EN must be de−asserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and transition times.


Similar Part No. - MC10E196_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
More results

Similar Description - MC10E196_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196A ONSEMI-MC100EP196A Datasheet
158Kb / 18P
   3.3 V ECL Programmable Delay Chip
September, 2006 ??Rev. 0
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
   PROGRAMMABLE ECL DELAY LINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com