Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT22DTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100ELT22DTR2G
Description  5.0 V Dual TTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT22DTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100ELT22DTR2G Datasheet HTML 1Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 2Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 3Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 4Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 5Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 6Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 7Page - ON Semiconductor MC100ELT22DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 9
1
Publication Order Number:
MC10ELT22/D
MC10ELT22, MC100ELT22
5.0 V Dual TTL to Differential
PECL Translator
The MC10ELT/100ELT22 is a dual TTL to differential PECL
translator. Because PECL (Positive ECL) levels are used only +5 V
and ground are required. The small outline 8-lead package and the low
skew, dual gate design of the ELT22 makes it ideal for applications
which require the translation of a clock and a data signal.
Features
1.2 ns Typical Propagation Delay
< 300 ps Typical Output to Output Skew
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
Operating Range: VCC = 4.75 V to 5.25 V with GND = 0 V
No Internal Input Pulldown Resistors
Pb−Free Packages are Available
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb−Free Package
*For additional information, see Application Note
AND8002/D.
SO−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
1
8
ALYWG
HT22
1
8
ALYWG
KT22
1
8
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
HLT22
ALYW
1
8
KLT22
ALYW
1
8
1
8
G
G
GG
(Note: Microdot may be in either location)


Similar Part No. - MC100ELT22DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT22DTR2G ONSEMI-MC100ELT22DTR2G Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results

Similar Description - MC100ELT22DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com