Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP01 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC100EP01
Description  3.3V / 5V ECL 4?묲nput OR/NOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP01 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC100EP01 Datasheet HTML 2Page - ON Semiconductor MC100EP01 Datasheet HTML 3Page - ON Semiconductor MC100EP01 Datasheet HTML 4Page - ON Semiconductor MC100EP01 Datasheet HTML 5Page - ON Semiconductor MC100EP01 Datasheet HTML 6Page - ON Semiconductor MC100EP01 Datasheet HTML 7Page - ON Semiconductor MC100EP01 Datasheet HTML 8Page - ON Semiconductor MC100EP01 Datasheet HTML 9Page - ON Semiconductor MC100EP01 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10EP01, MC100EP01
http://onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
MC10EP01D
SOIC−8
98 Units / Rail
MC10EP01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EP01DR2
SOIC−8
2500 / Tape & Reel
MC10EP01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EP01DT
TSSOP−8
100 Units / Rail
MC10EP01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EP01DTR2
TSSOP−8
2500 / Tape & Reel
MC10EP01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EP01MNR4
DFN8
1000 / Tape & Reel
MC10EP01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EP01D
SOIC−8
98 Units / Rail
MC100EP01DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EP01DR2
SOIC−8
2500 / Tape & Reel
MC100EP01DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EP01DT
TSSOP−8
100 Units / Rail
MC100EP01DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EP01DTR2
TSSOP−8
2500 / Tape & Reel
MC100EP01DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EP01MNR4
DFN8
1000 / Tape & Reel
MC100EP01MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016 ONSEMI-MC100EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016 ONSEMI-MC100EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC100EP016 ONSEMI-MC100EP016 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016A ONSEMI-MC100EP016A Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
More results

Similar Description - MC100EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com