Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E445 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC10E445
Description  5V ECL 4-Bit Serial/Parallel Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E445 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC10E445 Datasheet HTML 5Page - ON Semiconductor MC10E445 Datasheet HTML 6Page - ON Semiconductor MC10E445 Datasheet HTML 7Page - ON Semiconductor MC10E445 Datasheet HTML 8Page - ON Semiconductor MC10E445 Datasheet HTML 9Page - ON Semiconductor MC10E445 Datasheet HTML 10Page - ON Semiconductor MC10E445 Datasheet HTML 11Page - ON Semiconductor MC10E445 Datasheet HTML 12Page - ON Semiconductor MC10E445 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC10E445, MC100E445
http://onsemi.com
9
APPLICATIONS INFORMATION
The MC10E/100E445 is an integrated 1:4 serial to parallel
converter. The chip is designed to work with the E446 device
to provide both transmission and receiving of a high speed
serial data path. The E445, can convert up to a 2.0 Gb/s NRZ
data stream into 4-bit parallel data. The device also provides
a divide by four clock output to be used to synchronize the
parallel data with the rest of the system.
The E445 features multiplexed dual serial inputs to
provide test loop capability when used in conjunction with
the E446. Figure 5 illustrates the loop test architecture. The
architecture allows for the electrical testing of the link
without requiring actual transmission over the serial data
path medium. The SINA serial input of the E445 has an extra
buffer delay and thus should be used as the loop back serial
input.
SINB
SINB
SINA
SINA
SOUT
SOUT
PARALLEL
DATA
PARALLEL
DATA
TO SERIAL
MEDIUM
FROM
SERIAL
MEDIUM
Figure 5. Loopback Test Architecture
The E445 features a differential serial output and a divide
by 8 clock output to facilitate the cascading of two devices
to build a 1:8 demultiplexer. Figure 6 illustrates the
architecture for a 1:8 demultiplexer using two E445’s; the
timing diagram for this configuration can be found on the
following page. Notice the serial outputs (SOUT) of the
lower order converter feed the serial inputs of the the higher
order device. This feed through of the serial inputs bounds
the upper end of the frequency of operation. The clock to
serial output propagation delay plus the setup time of the
serial input pins must fit into a single clock period for the
cascade architecture to function properly. Using the worst
case values for these two parameters from the data sheet,
TPD CLK to SOUT = 1150 ps and tS for SIN = −100 ps,
yields a minimum period of 1050 ps or a clock frequency of
950 MHz.
The clock frequency is significantly lower than that of a
single converter, to increase this frequency some games can
be played with the clock input of the higher order E445. By
delaying the clock feeding the second E445 relative to the
clock of the first E445 the frequency of operation can be
increased. The delay between the two clocks can be
increased until the minimum delay of clock to serial out
would potentially cause a serial bit to be swallowed
(Figure 7).
Q3
Q7
Q2
Q6
Q1
Q5
Q0
Q4
SIN
SIN
SOUT
SOUT
E445a
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
SIN
SIN
E445b
CLOCK
CLOCK
SERIAL
INPUT
DATA
PARALLEL OUTPUT DATA
800 ps
1150 ps
100ps
CLOCK
Tpd CLK
to SOUT
Figure 6. Cascaded 1:8 Converter Architecture
With a minimum delay of 800 ps on this output the clock
for the lower order E445 cannot be delayed more than 800 ps
relative to the clock of the first E445 without potentially
missing a bit of information. Because the setup time on the
serial input pin is negative coincident excursions on the data
and clock inputs of the E445 will result in correct operation.
Figure 7. Cascade Frequency Limitation
800 ps
1150 ps
CLOCK B
Tpd CLK
to SOUT
CLOCK A
Perhaps the easiest way to delay the second clock relative
to the first is to take advantage of the differential clock inputs
of the E445. By connecting the clock for the second E445 to
the complementary clock input pin the device will clock a
half a clock period after the first E445 (Figure 8). Utilizing
this simple technique will raise the potential conversion
frequency up to 1.4 GHz. The divide by eight clock of the
second E445 should be used to synchronize the parallel data
to the rest of the system as the parallel data of the two E445’s
will no longer be synchronized. This skew problem between
the outputs can be worked around as the parallel information
will be static for eight more clock pulses.


Similar Part No. - MC10E445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
More results

Similar Description - MC10E445

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com