Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75174BDWR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC75174BDWR2G
Description  Quad EIA??85 Line Drivers with Three?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BDWR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC75174BDWR2G Datasheet HTML 1Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 2Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 3Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 4Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 5Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 6Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 7Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 8Page - ON Semiconductor MC75174BDWR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC75172B, MC75174B
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
+4.75
+5.0
+5.25
Vdc
Input Voltage (All Inputs)
Vin
0
VCC
Vdc
Output Voltage in 3−State Condition, or when VCC = 0 V
Vcm
−7.0
+12
Vdc
Output Current (Normal data transmission)
IO
−65
+65
mA
Operating Ambient Temperature (see text)
EIA−485
EIA−422
TA
−40
0
+85
°C
2. All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (−40
°C p TA p 85°C, 4.75 V p VCC p 5.25 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Single−Ended Voltage
IO = 0
High @ IO = −33 mA
Low @ IO = +33 mA
Differential Voltage
Open Circuit (IO = 0)
RL = 54 W (Figure 1)
VO
VOH
VOL
⎥VOD1
⎥VOD2
0
1.5
1.5
4.0
1.6
3.4
2.3
6.0
6.0
5.0
Vdc
Change in Differential*, RL = 54 W (Figure 1)
Differential Voltage, RL = 100 W (Figure 1)
Change in Differential*, RL = 100 W (Figure 1)
Differential Voltage, −7.0 V
p Vcm p 12 V (Figure 2)
Change in Differential*, −7.0 V
p Vcm p 12 V (Figure 2)
Offset Voltage, RL = 54 W (Figure 1)
Change in Offset*, RL = 54 W (Figure 1)
⎥DVOD2
⎥VOD2A
⎥DVOD2A
⎥VOD3
⎥DVOD3
VOS
⎥DVOS
1.5
5.0
2.2
5.0
5.0
2.9
5.0
200
200
5.0
200
200
mVdc
Vdc
mVdc
Vdc
mVdc
Vdc
mVdc
Output Current (Each Output)
Power Off Leakage, VCC = 0, −7.0 V p VO p 12 V
Leakage in 3−State Mode, −7.0 V
p VO p 12 V
IO(off)
IOZ
−50
−50
0
0
+50
+50
mA
Short Circuit Current to Ground
Short Circuit Current, −7.0 V
p VO p 12 V
IOSR
IOS
−150
−250
+150
+250
mA
Inputs
Low Level Voltage (Pins 4 & 12, MC75174B only)
Low Level Voltage (All Other Pins)
High Level Voltage (All Inputs)
VIL(A)
VIL(B)
VIH
0
0
2.0
0.7
0.8
VCC
Vdc
Current @ Vin = 2.7 V (All Inputs)
Current @ Vin = 0.5 V (All Inputs)
IIH
IIL
−100
0.2
−15
20
mA
Clamp Voltage (All Inputs, Iin = −18 mA)
VIK
−1.5
Vdc
Thermal Shutdown Junction Temperature
Tjts
+150
°C
Power Supply Current (Outputs Open, VCC = 5.25 V)
Outputs Enable
Outputs Disabled
ICC
60
30
70
40
mA
3. *Vin switched from 0.8 to 2.0 V. Typical values determined at 25°C ambient and 5.0 V supply.


Similar Part No. - MC75174BDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174BDW ONSEMI-MC75174BDW Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75174BDW ONSEMI-MC75174BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Similar Description - MC75174BDWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
NTE Electronics
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com