Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC75174BPG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC75174BPG
Description  Quad EIA??85 Line Drivers with Three?뭆tate Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BPG Datasheet(HTML) 1 Page - ON Semiconductor

  MC75174BPG Datasheet HTML 1Page - ON Semiconductor MC75174BPG Datasheet HTML 2Page - ON Semiconductor MC75174BPG Datasheet HTML 3Page - ON Semiconductor MC75174BPG Datasheet HTML 4Page - ON Semiconductor MC75174BPG Datasheet HTML 5Page - ON Semiconductor MC75174BPG Datasheet HTML 6Page - ON Semiconductor MC75174BPG Datasheet HTML 7Page - ON Semiconductor MC75174BPG Datasheet HTML 8Page - ON Semiconductor MC75174BPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 4
1
Publication Order Number:
MC75172B/D
MC75172B, MC75174B
Quad EIA−485 Line Drivers
with Three−State Outputs
The ON Semiconductor MC75172B/174B Quad Line drivers are
differential high speed drivers designed to comply with the EIA−485
Standard. Features include three−state outputs, thermal shutdown, and
output current limiting in both directions. These devices also comply
with EIA−422−A, and CCITT Recommendations V.11 and X.27.
The MC75172B/174B are optimized for balanced multipoint bus
transmission at rates in excess of 10 MBPS. The outputs feature wide
common mode voltage range, making them suitable for party line
applications in noisy environments. The current limit and thermal
shutdown features protect the devices from line fault conditions.
These devices offer optimum performance when used with the
MC75173 and MC75175 line receivers.
Both devices are available in 16−pin plastic PDIP and 20−pin wide
body surface mount packages.
Features
Meets EIA−485 Standard for Party Line Operation
Meets EIA−422−A and CCITT Recommendations V.11 and X.27
Operating Ambient Temperature: −40°C to +85°C
High Impedance Outputs
Common Mode Output Voltage Range: −7.0 to 12 V
Positive and Negative Current Limiting
Transmission Rates in Excess of 10 MBPS
Thermal Shutdown at 150°C Junction Temperature, (±20°C)
Single 5.0 V Supply
Pin Compatible with TI SN75172/4 and NS mA96172/4
Interchangeable with MC3487 and AM26LS31 for EIA−422−A
Applications
Pb−Free Packages are Available*
MAXIMUM RATING
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
−0.5, +7.0
Vdc
Input Voltage (Data, Enable)
Vin
+7.0
Vdc
Input Current (Data, Enable)
Iin
−24
mA
Applied Output Voltage, when in 3−State
Condition (VCC = 5.0 V)
Vza
−10, +14
Vdc
Applied Output Voltage, when VCC = 0 V
Vzb
±14
Vdc
Output Current
IO
Self−Limiting
Storage Temperature
Tstg
−65, +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Devices should not be operated at these limits. The “Recommended Operating
Conditions” table provides for actual device operation.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
PDIP−16
P SUFFIX
CASE 648
MARKING DIAGRAMS
http://onsemi.com
QUAD EIA−485 LINE DRIVERS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
SOIC−20 WB
DW SUFFIX
CASE 751D
1
16
1
MC75174BP
AWLYYWWG
20
1
MC17517xBDW
AWLYYWWG
1
x
= 2 or 4
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - MC75174BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174BP ONSEMI-MC75174BP Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
MC75174BP ONSEMI-MC75174BP Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BP MOTOROLA-MC75174BP Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
More results

Similar Description - MC75174BPG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
MC34058 MOTOROLA-MC34058 Datasheet
240Kb / 12P
   HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
NTE Electronics
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
logo
Motorola, Inc
AM26LS32 MOTOROLA-AM26LS32 Datasheet
81Kb / 4P
   QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com