Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL04DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EL04DR2
Description  5V ECL 2-Input AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL04DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EL04DR2 Datasheet HTML 1Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 2Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 3Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 4Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 5Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 6Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 7Page - ON Semiconductor MC10EL04DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 5
1
Publication Order Number:
MC10EL04/D
MC10EL04, MC100EL04
5VECL 2-Input AND/NAND
The MC10EL/100EL04 is a 2-input AND/NAND gate. The device
is functionally equivalent to the E104 device with higher performance
capabilities. With propagation delays and output transition times
significantly faster than the E104, the EL04 is ideally suited for those
applications which require the ultimate in AC performance.
The 100 Series contains temperature compensation.
Features
240 ps Propagation Delay
ESD Protection: > 1 kV Human Body Model,
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125,
Oxygen Index 28 to 34
Transistor Count = 45 devices
Pb−Free Packages are Available
1
2
3
45
6
7
8
NC
D0
D1
NC
VEE
Q
Q
VCC
Figure 1. Logic Diagram and Pinout
PIN
FUNCTION
D0, D1
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 1. PIN DESCRIPTION
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
(Note: Microdot may be in either location)
KL89
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KEL89
ALYW
G
1
8
L = Wafer Lot
Y = Year
W = Work Week
G = Pb−Free Package
H = MC10
K = MC100
A = Assembly Location
HEL89
ALYW
G
1
8
HL89
ALYWG
G
1
8


Similar Part No. - MC10EL04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL04DR2G ONSEMI-MC10EL04DR2G Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
More results

Similar Description - MC10EL04DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com