Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8DSM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCR8DSM
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR8DSM Datasheet(HTML) 2 Page - ON Semiconductor

  MCR8DSM Datasheet HTML 1Page - ON Semiconductor MCR8DSM Datasheet HTML 2Page - ON Semiconductor MCR8DSM Datasheet HTML 3Page - ON Semiconductor MCR8DSM Datasheet HTML 4Page - ON Semiconductor MCR8DSM Datasheet HTML 5Page - ON Semiconductor MCR8DSM Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MCR8DSM, MCR8DSN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
2.2
88
80
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM; RGK = 1.0 kW) (Note 3)
TJ = 25°C
TJ = 110°C
IDRM
IRRM
10
500
mA
ON CHARACTERISTICS
Peak Reverse Gate Blocking Voltage (IGR = 10 mA)
VGRM
10
12.5
18
V
Peak Reverse Gate Blocking Current (VGR = 10 V)
IRGM
1.2
mA
Peak Forward On−State Voltage (Note 4) (ITM = 16 A)
VTM
1.4
1.8
V
Gate Trigger Current (Continuous dc) (Note 5)
(VD = 12 V, RL = 100 W)TJ = 25°C
TJ = −40°C
IGT
5.0
12
200
300
mA
Gate Trigger Voltage (Continuous dc) (Note 5)
(VD = 12 V, RL = 100 W)TJ = 25°C
TJ = −40°C
TJ = 110°C
VGT
0.45
0.2
0.65
1.0
1.5
V
Holding Current
(VD = 12 V, Initiating Current = 200 mA, Gate Open)
TJ = 25°C
TJ = −40°C
IH
0.5
1.0
6.0
10
mA
Latching Current
(VD = 12 V, IG = 2.0 mA)
TJ = 25°C
TJ = −40°C
IL
0.5
1.0
6.0
10
mA
Total Turn−On Time
(Source Voltage = 12 V, RS = 6.0 kW, IT = 16 A(pk), RGK = 1.0 kW)
(VD = Rated VDRM, Rise Time = 20kns, Pulse Width = 10 ms)
tgt
2.0
5.0
ms
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform,
RGK = 1.0 kW, TJ = 110°C)
dv/dt
2.0
10
V/
ms
2. Surface mounted on minimum recommended pad size.
3. Ratings apply for negative gate voltage or RGK = 1.0 kW. Devices shall not have a positive gate voltage concurrently with a negative voltage
on the anode. Devices should not be tested with a constant current source for forward and reverse blocking capability such that the voltage
applied exceeds the rated blocking voltage.
4. Pulse Test; Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.
5. RGK current not included in measurements.
ORDERING INFORMATION
Device
Package
Shipping
MCR8DSMT4
DPAK
2500 / Tape & Reel
MCR8DSMT4G
DPAK
(Pb−Free)
MCR8DSNT4
DPAK
MCR8DSNT4G
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MCR8DSM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR8DSM MOTOROLA-MCR8DSM Datasheet
127Kb / 6P
   Silicon Controlled Rectifiers
logo
Kersemi Electronic Co.,...
MCR8DSM KERSEMI-MCR8DSM Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
MCR8DSMT4 KERSEMI-MCR8DSMT4 Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
MCR8DSMT4 KERSEMI-MCR8DSMT4 Datasheet
429Kb / 6P
   Silicon Controlled Rectifiers
MCR8DSMT4G KERSEMI-MCR8DSMT4G Datasheet
447Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR8DSM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR8S ONSEMI-MCR8S Datasheet
58Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com