Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR8S Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCR8S
Description  Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR8S Datasheet(HTML) 1 Page - ON Semiconductor

  MCR8S Datasheet HTML 1Page - ON Semiconductor MCR8S Datasheet HTML 2Page - ON Semiconductor MCR8S Datasheet HTML 3Page - ON Semiconductor MCR8S Datasheet HTML 4Page - ON Semiconductor MCR8S Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 3
1
Publication Order Number:
MCR8S/D
MCR8SD, MCR8SM, MCR8SN
Preferred Device
Sensitive Gate Silicon
Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls, and power supplies; or wherever
half−wave, silicon gate−controlled devices are needed.
Features
Sensitive Gate Allows Triggering by Microcontrollers and other
Logic Circuits
Blocking Voltage to 800 Volts
On−State Current Rating of 8 Amperes RMS at 80°C
High Surge Current Capability − 80 Amperes
Rugged, Economical TO−220AB Package
Glass Passivated Junctions for Reliability and Uniformity
Minimum and Maximum Values of IGT, VGT and IH Specified for
Ease of Design
Immunity to dv/dt − 5 V/msec Minimum at 110°C
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = −40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
MCR8SD
MCR8SM
MCR8SN
VDRM,
VRRM
400
600
800
V
On-State RMS Current
(180
° Conduction Angles; TC = 80°C)
IT(RMS)
8.0
A
Peak Non-Repetitive Surge Current
(1/2 Cycle, Sine Wave, 60 Hz, TJ = 110°C)
ITSM
80
A
Circuit Fusing Consideration (t = 8.33 ms)
I2t
26.5
A2sec
Forward Peak Gate Power
(Pulse Width
≤ 1.0 ms, TC = 80°C)
PGM
5.0
W
Forward Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.5
W
Forward Peak Gate Current
(Pulse Width
≤ 1.0 ms, TC = 80°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to 110
°C
Storage Temperature Range
Tstg
−40 to 150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; positive gate voltage shall not be
applied concurrent with negative potential on the anode. Blocking voltages
shall not be tested with a constant current source such that the voltage ratings
of the devices are exceeded.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
8 AMPERES RMS
400 thru 800 VOLTS
TO−220AB
CASE 221A−09
STYLE 3
1
http://onsemi.com
MARKING
DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
x
= D, M, or N
G
= Pb−Free Package
AKA
= Diode Polarity
2
3
Device
Package
Shipping
ORDERING INFORMATION
MCR8SD
TO−220AB
50 Units / Rail
MCR8SN
TO−220AB
50 Units / Rail
MCR8SDG
TO−220AB
(Pb−Free)
50 Units / Rail
MCR8SNG
TO−220AB
(Pb−Free)
50 Units / Rail
Preferred devices are recommended choices for future use
and best overall value.
MCR8SM
TO−220AB
50 Units / Rail
MCR8SMG
TO−220AB
(Pb−Free)
50 Units / Rail
K
G
A
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
AY WW
MCR8SxG
AKA


Similar Part No. - MCR8S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR8S MOTOROLA-MCR8S Datasheet
67Kb / 2P
   Silicon Controlled Rectifiers
logo
Digitron Semiconductors
MCR8SD DIGITRON-MCR8SD Datasheet
296Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
Kersemi Electronic Co.,...
MCR8SD KERSEMI-MCR8SD Datasheet
421Kb / 5P
   Silicon Controlled Rectifiers
logo
Inchange Semiconductor ...
MCR8SDG ISC-MCR8SDG Datasheet
156Kb / 1P
   isc Thyristors
logo
Digitron Semiconductors
MCR8SM DIGITRON-MCR8SM Datasheet
296Kb / 4P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - MCR8S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MCK100 UTC-MCK100 Datasheet
173Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100_10 Datasheet
171Kb / 6P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR101 UTC-MCR101_10 Datasheet
183Kb / 5P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
MCR100 UTC-MCR100 Datasheet
139Kb / 4P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR716 ONSEMI-MCR716_05 Datasheet
60Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 5
MCR72 ONSEMI-MCR72_05 Datasheet
64Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 3
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
logo
SEMTECH ELECTRONICS LTD...
MCR100 SEMTECH_ELEC-MCR100 Datasheet
249Kb / 3P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
logo
ON Semiconductor
MCR8DSM ONSEMI-MCR8DSM Datasheet
67Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com