Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL07MNR4 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EL07MNR4
Description  5.0 V ECL 2-Input XOR/XNOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL07MNR4 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10EL07MNR4 Datasheet HTML 1Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 2Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 3Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 4Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 5Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 6Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 7Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 8Page - ON Semiconductor MC10EL07MNR4 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10EL07, MC100EL07
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC10EL07D
SOIC−8
98 Units / Rail
MC10EL07DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL07DR2
SOIC−8
2500 / Tape & Reel
MC10EL07DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL07DT
TSSOP−8
100 Units / Rail
MC10EL07DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL07DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL07DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL07MNR4
DFN8
1000 / Tape & Reel
MC10EL07MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL07D
SOIC−8
98 Units / Rail
MC100EL07DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL07DR2
SOIC−8
2500 / Tape & Reel
MC100EL07DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL07DT
TSSOP−8
100 Units / Rail
MC100EL07DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL07DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL07DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL07MNR4
DFN8
1000 / Tape & Reel
MC100EL07MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC10EL07MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
MC10EL07 ONSEMI-MC10EL07 Datasheet
157Kb / 7P
   5.0 V ECL 2?륤nput XOR/XNOR
July, 2016 ??Rev. 8
MC10EL07D ONSEMI-MC10EL07D Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
MC10EL07D ONSEMI-MC10EL07D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL07DG ONSEMI-MC10EL07DG Datasheet
157Kb / 7P
   5.0 V ECL 2?륤nput XOR/XNOR
July, 2016 ??Rev. 8
More results

Similar Description - MC10EL07MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_16 Datasheet
157Kb / 7P
   5.0 V ECL 2?륤nput XOR/XNOR
July, 2016 ??Rev. 8
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com