Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL05MNR4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL05MNR4G
Description  5V ECL 2-Input Differential AND/NAND
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL05MNR4G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL05MNR4G Datasheet HTML 1Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 2Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 3Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 4Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 5Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 6Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 7Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 8Page - ON Semiconductor MC100EL05MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC10EL05/D
MC10EL05, MC100EL05
5VECL 2-Input Differential
AND/NAND
The MC10EL/100EL05 is a 2-input differential AND/NAND gate.
The device is functionally equivalent to the E404 device with higher
performance capabilities. With propagation delays and output transition
times significantly faster than the E404, the EL05 is ideally suited for
those applications which require the ultimate in AC performance.
Because a negative 2-input NAND is equivalent to a 2-input OR
function, the differential inputs and outputs of the device allows the EL05
to also be used as a 2-input differential OR/NOR gate.
The differential inputs employ clamp circuitry so that under open input
conditions (pulled down to VEE) the input to the AND gate will be
HIGH. In this way, if one set of inputs is open, the gate will remain active
to the other input.
The 100 Series contains temperature compensation.
Features
275 ps Propagation Delay
ESD Protection: > 1 kV Human Body Model,
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 44 devices
Pb−Free Packages are Available
1
2
3
45
6
7
8
D0
D0
D1
D1
VEE
Q
Q
VCC
Figure 1. Logic Diagram and Pinout
Assignment
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
H = MC10
K = MC100
4O = MC10
2C = MC100
A = Assembly Location
KL05
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
KEL05
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
HL05
ALYWG
G
1
8
HEL05
ALYW
G
1
8
14
L
= Wafer Lot
Y = Year
W = Work Week
D = Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC100EL05MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL05 ONSEMI-MC100EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
MC100EL05D ONSEMI-MC100EL05D Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
MC100EL05D ONSEMI-MC100EL05D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL05DG ONSEMI-MC100EL05DG Datasheet
169Kb / 8P
   5V ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 7
MC100EL05DR2 ONSEMI-MC100EL05DR2 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
More results

Similar Description - MC100EL05MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
   5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com