Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL12DTR2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EL12DTR2
Description  5.0 V ECL Low Impedance Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL12DTR2 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EL12DTR2 Datasheet HTML 1Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 2Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 3Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 4Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 5Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 6Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 7Page - ON Semiconductor MC100EL12DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL12, MC100EL12
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
MC10EL12D
SOIC−8
98 Units / Rail
MC10EL12DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL12DR2
SOIC−8
2500 / Tape & Reel
MC10EL12DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL12DT
TSSOP−8
100 Units / Rail
MC10EL12DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL12DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL12DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL12MNR4
DFN8
1000 / Tape & Reel
MC10EL12MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL12D
SOIC−8
98 Units / Rail
MC100EL12DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL12DR2
SOIC−8
2500 / Tape & Reel
MC100EL12DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL12DT
TSSOP−8
100 Units / Rail
MC100EL12DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL12DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL12DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL12MNR4
DFN8
1000 / Tape & Reel
MC100EL12MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EL12DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL12D ONSEMI-MC100EL12D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Similar Description - MC100EL12DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16 ONSEMI-MC10EL16_06 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
MC10EL58 ONSEMI-MC10EL58_06 Datasheet
143Kb / 9P
   5.0 V ECL 2:1 Multiplexer
December, 2006 ??Rev. 7
MC10EL58 ONSEMI-MC10EL58_16 Datasheet
153Kb / 8P
   5.0V ECL 2:1 Multiplexer
July, 2016 ??Rev. 9
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com