Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15022 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ15022
Description  Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15022 Datasheet(HTML) 3 Page - ON Semiconductor

  MJ15022 Datasheet HTML 1Page - ON Semiconductor MJ15022 Datasheet HTML 2Page - ON Semiconductor MJ15022 Datasheet HTML 3Page - ON Semiconductor MJ15022 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN − MJ15022, MJ15024*
http://onsemi.com
3
Figure 2. Capacitances
Figure 3. Current−Gain — Bandwidth Product
Figure 4. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
0.1
0.3
0.5
9
5
VCE = 4 V
8
2
1.0
5.0
0
1
3
4
7
6
1.8
0.03
IB, BASE CURRENT (AMPS)
1.0
30
5.0
2.0
0.5
1.0
0.6
0.2
2.0
10
0
1.4
10
0.2
0.1
8 A
IC = 4 A
4000
0.3
VR, REVERSE VOLTAGE (VOLTS)
50
TJ = 25°C
100
10
500
100
40
1000
300
30
1
0.5
Figure 5. “On” Voltage
5.0
1.8
0.15
IC, COLLECTOR CURRENT (AMPS)
10
TJ = 25°C
20
5.0
1.0
0.8
0.2
0
1.4
2.0
1.0
VCE(sat) @ IC/IB = 10
0.5
VBE(on) @ VCE = 4 V
Figure 6. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
200
100
1.0
5.0
10
20
50
Cob
TJ = 25°C
TJ = 100°C
TJ = 25°C
VCE = 10 V
fTest = 1 MHz
100°C
25°C
TJ = 25°C
16 A
3000
0.2
10
20
5.0
2.0
1.0
0.5
Cib
100°C
TYPICAL CHARACTERISTICS


Similar Part No. - MJ15022

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15022 MOSPEC-MJ15022 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022 Datasheet
153Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15022 WINGS-MJ15022 Datasheet
159Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
MJ15022 SAVANTIC-MJ15022 Datasheet
142Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - MJ15022

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com