Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15024 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ15024
Description  Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15024 Datasheet(HTML) 1 Page - ON Semiconductor

  MJ15024 Datasheet HTML 1Page - ON Semiconductor MJ15024 Datasheet HTML 2Page - ON Semiconductor MJ15024 Datasheet HTML 3Page - ON Semiconductor MJ15024 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 10
1
Publication Order Number:
MJ15022/D
NPN − MJ15022, MJ15024*
*MJ15024 is a Preferred Device
Silicon Power Transistors
The MJ15022 and MJ15024 are PowerBase power transistors
designed for high power audio, disk head positioners and other linear
applications.
Features
High Safe Operating Area (100% Tested) − 2 A @ 80 V
High DC Current Gain − hFE = 15 (Min) @ IC = 8 Adc
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJ15022
MJ15024
VCEO
200
250
Vdc
Collector−Base Voltage
MJ15022
MJ15024
VCBO
350
400
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector−Emitter Voltage
VCEX
400
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
16
30
Adc
Base Current − Continuous
IB
5
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
_C
PD
250
1.43
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +200
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.70
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
v 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
16 AMPERES
SILICON POWER TRANSISTORS
200 − 250 VOLTS, 250 WATTS
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MJ15022
TO−204
100 Units / Tray
MJ15022G
TO−204
(Pb−Free)
100 Units / Tray
MJ1502xG
AYWW
MEX
TO−204AA (TO−3)
CASE 1−07
STYLE 1
MJ1502x = Device Code
x = 2 or 4
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MEX
= Country of Origin
MJ15024
TO−204
100 Units / Tray
MJ15024G
TO−204
(Pb−Free)
100 Units / Tray
Preferred devices are recommended choices for future use
and best overall value.


Similar Part No. - MJ15024

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15024 MOSPEC-MJ15024 Datasheet
153Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15024 MOTOROLA-MJ15024 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
ON Semiconductor
MJ15024 ONSEMI-MJ15024 Datasheet
153Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15024 WINGS-MJ15024 Datasheet
64Kb / 1P
   NPN PLANAR SILICON TRANSISTOR(for AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
logo
Savantic, Inc.
MJ15024 SAVANTIC-MJ15024 Datasheet
142Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - MJ15024

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com