Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5850 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJE5850
Description  8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5850 Datasheet(HTML) 4 Page - ON Semiconductor

  MJE5850 Datasheet HTML 1Page - ON Semiconductor MJE5850 Datasheet HTML 2Page - ON Semiconductor MJE5850 Datasheet HTML 3Page - ON Semiconductor MJE5850 Datasheet HTML 4Page - ON Semiconductor MJE5850 Datasheet HTML 5Page - ON Semiconductor MJE5850 Datasheet HTML 6Page - ON Semiconductor MJE5850 Datasheet HTML 7Page - ON Semiconductor MJE5850 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJE5850, MJE5851, MJE5852
http://onsemi.com
4
IC, COLLECTOR CURRENT (AMPS)
IC, COLLECTOR CURRENT (AMPS)
1.2
2.0
0.8
0
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2.0
0.3
0.7
5.0
10
10
3.0
Figure 2. Collector Saturation Region
0.01
IB, BASE CURRENT (AMPS)
0.02 0.05
1.2
0.4
0
100
0.1
0.2
0.5
10
Figure 3. Collector−Emitter Saturation Voltage
Figure 4. Base−Emitter Voltage
Figure 5. Collector Cutoff Region
2.0
0.8
105
VBE, BASE−EMITTER VOLTAGE (VOLTS)
100
0
TJ = 150°C
20
0.5
2.0
−0.4
Figure 6. Capacitance
3000
VR, REVERSE VOLTAGE (VOLTS)
Cib
0.1
104
103
102
101
+0.2
+0.1
100°C
REVERSE
FORWARD
25°C
VCE = 200 V
200
100
20
500 1000
1.6
0.4
TJ = 25°C
IC = 0.25 A
5.0
0.1
1.0
3.0
7.0
0.2
1.0
7.0
0.5
10
0.1
0.3
3.0
2.0
5.0
70
50
30
7.0
2000
1000
500
30
50
200
100
50
10
5.0
1.0
0.5
0.2
200
−0.3
−0.2
−0.5
−0.1
VCE = 5 V
1.0 A
1.0
2.0
5.0
1.6
IC/IB = 4
1.2
2.0
0.8
0
0.4
0.2
1.0
7.0
0.5
10
0.1
0.3
3.0
2.0
5.0
1.6
0.2
0.7
0.7
2.5 A
5.0 A
TJ = 25°C
TJ = 150°C
TJ = 25°C
IC/IB = 4
TJ = 150°C
TJ = 25°C
TJ = 150°C
Cob
TJ = 25°C
TYPICAL ELECTRICAL CHARACTERISTICS


Similar Part No. - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJE5850 NJSEMI-MJE5850 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Similar Description - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com