Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE5851 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE5851
Description  8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5851 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE5851 Datasheet HTML 1Page - ON Semiconductor MJE5851 Datasheet HTML 2Page - ON Semiconductor MJE5851 Datasheet HTML 3Page - ON Semiconductor MJE5851 Datasheet HTML 4Page - ON Semiconductor MJE5851 Datasheet HTML 5Page - ON Semiconductor MJE5851 Datasheet HTML 6Page - ON Semiconductor MJE5851 Datasheet HTML 7Page - ON Semiconductor MJE5851 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJE5850, MJE5851, MJE5852
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
MJE5850
(IC = 10 mA, IB = 0)
MJE5851
MJE5852
VCEO(sus)
300
350
400
Vdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 100_C)
ICEV
0.5
2.5
mAdc
Collector Cutoff Current
(VCE = Rated VCEV, RBE = 50 W, TC = 100_C)
ICER
3.0
mAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc, IC = 0)
IEBO
1.0
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with base forward biased
IS/b
See Figure 12
Clamped Inductive SOA with base reverse biased
RBSOA
See Figure 13
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 2.0 Adc, VCE = 5 Vdc)
(IC = 5.0 Adc, VCE = 5 Vdc)
hFE
15
5
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 1.0 Adc)
(IC = 8.0 Adc, IB = 3.0 Adc)
(IC = 4.0 Adc, IB = 1.0 Adc, TC = 100_C)
VCE(sat)
2.0
5.0
2.5
Vdc
Base−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 1.0 Adc)
(IC = 4.0 Adc, IB = 1.0 Adc, TC = 100_C)
VBE(sat)
1.5
1.5
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1.0 kHz)
Cob
270
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC = 4.0 A, IB1 = 1.0 A,
tp = 50 ms, Duty Cycle v 2%)
td
0.025
0.1
ms
Rise Time
tr
0.100
0.5
ms
Storage Time
(VCC = 250 Vdc, IC = 4.0 A, IB1 = 1.0 A,
VBE(off) = 5 Vdc, tp = 50 ms, Duty Cycle v 2%)
ts
0.60
2.0
ms
Fall Time
tf
0.11
0.5
ms
Inductive Load, Clamped (Table 1)
Storage Time
(ICM = 4 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 Vdc, TC = 100_C)
tsv
0.8
3.0
ms
Crossover Time
tc
0.4
1.5
ms
Fall Time
tfi
0.1
ms
Storage Time
(ICM = 4 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 Vdc, TC = 25_C)
tsv
0.5
ms
Crossover Time
tc
0.125
ms
Fall Time
tfi
0.1
ms
2. Pulse Test: PW = 300
ms. Duty Cycle v 2%


Similar Part No. - MJE5851

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5851 MOTOROLA-MJE5851 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5851 ONSEMI-MJE5851 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJE5851 NJSEMI-MJE5851 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Similar Description - MJE5851

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
   1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com