Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7528-55 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUK7528-55
Description  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7528-55 Datasheet(HTML) 4 Page - NXP Semiconductors

  BUK7528-55 Datasheet HTML 1Page - NXP Semiconductors BUK7528-55 Datasheet HTML 2Page - NXP Semiconductors BUK7528-55 Datasheet HTML 3Page - NXP Semiconductors BUK7528-55 Datasheet HTML 4Page - NXP Semiconductors BUK7528-55 Datasheet HTML 5Page - NXP Semiconductors BUK7528-55 Datasheet HTML 6Page - NXP Semiconductors BUK7528-55 Datasheet HTML 7Page - NXP Semiconductors BUK7528-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7528-55
Standard level FET
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.8. Typical transconductance, T
j = 25 ˚C.
g
fs = f(ID); conditions: VDS = 25 V
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 20 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
024
68
10
0
20
40
60
80
100
ID/A
VDS/V
VGS/V =
16
14
12
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
0
1020
3040
5060
7080
0
5
10
15
20
gfs/S
ID/A
0
10
2030
405060
70
20
25
30
35
40
45
RDS(ON)/mOhm
ID/A
VGS/V =
6
6.5
7
8
9
10
-100
-50
0
50
100
150
200
0.5
1
1.5
2
2.5
BUK959-60
Tmb / degC
Rds(on) normlised to 25degC
a
0
2468
10
12
0
10
20
30
40
50
60
70
80
ID/A
VGS/V
Tj/C =
175
25
BUK759-60
-100
-50
0
50
100
150
200
0
1
2
3
4
5
Tj / C
VGS(TO) / V
max.
typ.
min.
April 1998
4
Rev 1.100


Similar Part No. - BUK7528-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7528-55 PHILIPS-BUK7528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
BUK7528-55A PHILIPS-BUK7528-55A Datasheet
96Kb / 9P
   TrenchMOS transistor standard level FET
June 2000-Rev 1.100
logo
Inchange Semiconductor ...
BUK7528-55A ISC-BUK7528-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7528-55A NEXPERIA-BUK7528-55A Datasheet
291Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 21 April 2011
logo
NXP Semiconductors
BUK7528-55A PHILIPS-BUK7528-55A_15 Datasheet
177Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-21 April 2011
More results

Similar Description - BUK7528-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com