Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


MC10EP05 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC10EP05
Description  3.3V / 5V ECL 2−Input Differential AND/NAND
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 2 page
background image
MC10EP05, MC100EP05
http://onsemi.com
2
Figure 1. 8−Lead Pinout (Top View) and Logic
Diagram
1
2
3
45
6
7
8
Q
VEE
VCC
D0
Q
D1
D1
D0
Table 1. PIN DESCRIPTION
Pin
Function
D0*, D1*, D0**, D1**
ECL Data Inputs
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
** Pins will default to VCC/2when left open.
Table 2. TRUTH TABLE
D0
D1
D0
D1
Q
Q
L
L
H
H
L
H
L
H
H
H
L
L
H
L
H
L
L
L
L
H
H
H
H
L
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
37.5 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
137 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100EP053.3V / 5V ECL 2-Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10E404_065 V ECL Quad Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC10EL05_065V ECL 2-Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor
MC100EP16F3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1 2 3 4 5 MoreON Semiconductor
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
NB6L722.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs 1 2 3 4 5 MoreON Semiconductor
MC10E104_065V ECL Quint 2-Input AND/NAND Gate 1 2 3 4 5 MoreON Semiconductor
MC10E431_065V ECL 3-Bit Differential Flip-Flop 1 2 3 4 5 MoreON Semiconductor
NB6L72M2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs 1 2 3 4 5 MoreON Semiconductor
MC10E451_065V ECL 6−Bit D Register Differential Data and Clock 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl