Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSS4148 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HSS4148
Description  Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSS4148 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSS4148 Datasheet HTML 1Page - Renesas Technology Corp HSS4148 Datasheet HTML 2Page - Renesas Technology Corp HSS4148 Datasheet HTML 3Page - Renesas Technology Corp HSS4148 Datasheet HTML 4Page - Renesas Technology Corp HSS4148 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSS4148
Rev.1.00 Sep 17, 2004 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
VR M
100
V
Reverse voltage
VR
75
V
Average rectified current
IO
150
mA
Peak forward surge current
IFM
450
mA
Non-Repetitive peak forward surge current
IFSM *
1
1
A
Junction temperature
Tj
175
°C
Storage temperature
Tstg
−65 to +175
°C
Note:
1. Forward Surge within one second duration
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
1.0
V
IF = 10 mA
Reverse current
IR
25
nA
VR = 20 V
Capacitance
C
4.0
pF
VR = 0 V, f = 1 MHz
Reverse recovery time
trr *
1
4.0
ns
IF = 10 mA, VR = 6 V, Irr = 1 mA,
RL = 100 Ω
Note:
1. Reverse recovery time test circuit
0.1
µF
DC
Supply
Pulse
Generator
Ro = 50
Rin = 50
Sampling
Oscilloscope
3 k
Trigger
Thermal Characteristics
Item
Typ
Unit
Rth(j-a)
(300) *
1
°C/W
Note:
1. Reference only.


Similar Part No. - HSS4148

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
HSS COPAL-HSS Datasheet
286Kb / 1P
   Miniature Slide Switches
logo
Samtec, Inc
HSS-101-G-1A SAMTEC-HSS-101-G-1A Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1B SAMTEC-HSS-101-G-1B Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
HSS-101-G-1C SAMTEC-HSS-101-G-1C Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
HSS-101-G-2 SAMTEC-HSS-101-G-2 Datasheet
1Mb / 1P
   PRECISION MACHINED SOCKET STRIPS
More results

Similar Description - HSS4148

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1S2076 HITACHI-1S2076 Datasheet
27Kb / 6P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
1S2076A HITACHI-1S2076A Datasheet
27Kb / 6P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
logo
Renesas Technology Corp
1N4148 RENESAS-1N4148 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
HSM198S RENESAS-HSM198S Datasheet
140Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
NEC
PH313 NEC-PH313 Datasheet
36Kb / 2P
   SILICON EPITAXIAL PLANAR PIN PHOTO DIODE DETECTOR
logo
Renesas Technology Corp
1SS106 RENESAS-1SS106 Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
1SS198 RENESAS-1SS198 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com