Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP016FAR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EP016FAR2G
Description  3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FAR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP016FAR2G Datasheet HTML 2Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 3Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 4Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 5Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 6Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 7Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 8Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 9Page - ON Semiconductor MC10EP016FAR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC10EP016, MC100EP016
http://onsemi.com
6
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 13)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
120
160
200
120
160
200
120
160
200
mA
VOH
Output HIGH Voltage (Note 14)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 14)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
VBB
Output Voltage Reference
1775
1875
1975
1775
1875
1975
1775
1875
1975
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 15)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
13.Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
14.All loading with 50 W to VCC − 2.0 V.
15.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 10. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 16)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current (Note 17)
120
160
200
120
160
200
120
160
200
mA
VOH
Output HIGH Voltage (Note 18)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 18)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3475
3575
3675
3475
3575
3675
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 19)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
16.Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
17.Required 500 lfpm air flow when using +5 V power supply. For (VCC − VEE) >3.3 V, 5 W to 10 W in line with VEE required for maximum thermal
protection at elevated temperatures. Recommend VCC−VEE operation at  3.3 V.
18.All loading with 50 W to VCC − 2.0 V.
19.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP016FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC10EP016FAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC100EP016A ONSEMI-MC100EP016A_06 Datasheet
157Kb / 11P
   3.3 V ECL 8?묪it Synchronous Binary Up Counter
November 2006 ??Rev. 6
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com