Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS047D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS047D
Description  LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS047D Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS047D Datasheet HTML 1Page - Texas Instruments SN65LVDS047D Datasheet HTML 2Page - Texas Instruments SN65LVDS047D Datasheet HTML 3Page - Texas Instruments SN65LVDS047D Datasheet HTML 4Page - Texas Instruments SN65LVDS047D Datasheet HTML 5Page - Texas Instruments SN65LVDS047D Datasheet HTML 6Page - Texas Instruments SN65LVDS047D Datasheet HTML 7Page - Texas Instruments SN65LVDS047D Datasheet HTML 8Page - Texas Instruments SN65LVDS047D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS047
SLLS416B – JUNE 2000 – REVISED DECEMBER 2003
over recommended operating free-air temperature range (see (1) and (2)) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(3)
MAX
UNIT
VOD
Differential output voltage
250
310
450
mV
Change in magnitude of VOD for
n|VOD|
1
35
|mV|
complementary output states
Steady-state, common-mode output
VOC(SS)
1.125
1.17
1.375
V
voltage
RL = 100 Ω, see Figure 1
Change in steady-state
nVOC(SS)
common-mode output voltage
1
25
|mV|
between logic states
VOH
Output high voltage
1.33
1.6
V
VOL
Output low voltage
0.90
1.02
V
VIH
Input high voltage
2
VCC
V
VIL
Input low voltage
GND
0.8
V
IIH
Input high current
VIN = VCC or 2.5 V
-10
3
10
µA
IIL
Input low current
VIN = GND or 0.4 V
-10
1
10
µA
VIK
Input clamp voltage
ICL = -18 mA
-1.5
-0.8
V
Enabled, DIN = VCC, DOUT+ = 0
IOS
Output short circuit current, see (4)
-3.1
-9
mA
V or DIN = GND, DOUT- = 0 V
Differential output short circuit
IOSD
Enabled, VOD = 0 V
-9
mA
current, see (4)
VO = 0 V or 3.6 V, VCC = 0 V or
IOFF
Power-off leakage
-1
1
µA
Open
EN = 0.8 V and EN = 2 V, VO =
IOZ
Output 3-state current
-1
1
µA
0 V or VCC
No load supply current, drivers
ICC
DIN = VCC or GND
7
mA
enabled
Loaded supply current, drivers
RL = 100 Ω all channels, DIN =
ICCL
20
26
mA
enabled
VCC or GND (all inputs)
No load supply current, drivers
DIN = VCC or GND, EN = GND,
ICC(Z)
0.5
1.3
mA
disabled
EN = VCC
(1)
Current into device pin is defined as positive. Current out of the device is defined as negative. All voltages are referenced to ground,
unless otherwise specified.
(2)
The SN65LVDS047 is a current mode device and only functions within data sheet specifications when a resistive load is applied to the
driver outputs, 90
Ω to 110 Ω typical range.
(3)
All typical values are given for: VCC = 3.3 V, TA = 25°C.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
3
Submit Documentation Feedback


Similar Part No. - SN65LVDS047D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047D TI-SN65LVDS047D Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047D TI-SN65LVDS047D Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047DG4 TI-SN65LVDS047DG4 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047DG4 TI-SN65LVDS047DG4 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047DR TI-SN65LVDS047DR Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LVDS047D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com