Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD047 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65MLVD047
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047 Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD047_06 Datasheet HTML 1Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 2Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 3Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 4Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 5Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 6Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 7Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 8Page - Texas Instruments SN65MLVD047_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65MLVD047
SLLS606A – MARCH 2004 – REVISED JULY 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1
1.5
2.4
ns
tPHL
Propagation delay time, high-to-low-level output
1
1.5
2.4
ns
tr
Differential output signal rise time
1
1.9
ns
tf
Differential output signal fall time
See Figure 5
1
1.9
ns
tsk(o)
Output skew
100
ps
tsk(p)
Pulse skew (|tpHL - tpLH|)
22
100
ps
tsk(pp)
Part-to-part skew(2)
600
ps
tjit(per)
Period jitter, rms (1 standard deviation)(3)
All inputs 100 MHz clock input
0.2
1
ps
tjit(c-c)
Cycle-to-cycle jitter(3)
All inputs 100 MHz clock input
5
36
ps
tjit(pp)
Peak-to-peak jitter(3)(4)
All inputs 200 Mbps 215-1 PRBS input
46
158
ps
tPZH
Enable time, high-impedance-to-high-level output
7
ns
See Figure 6
tPZL
Enable time, high-impedance-to-low-level output
7
ns
tPHZ
Disable time, high-level-to-high-impedance output
8
ns
See Figure 6
tPLZ
Disable time, low-level-to-high-impedance output
8
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Stimulus jitter has been subtracted from the measurements.
(4)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
5


Similar Part No. - SN65MLVD047_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047AD TI1-SN65MLVD047AD Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADG4 TI1-SN65MLVD047ADG4 Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADR TI1-SN65MLVD047ADR Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADRG4 TI1-SN65MLVD047ADRG4 Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD047_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com