Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM22DRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LVDM22DRG4
Description  DUAL MULTIPLEXED LVDS REPEATERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM22DRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDM22DRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDM22DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER/DRIVER ELECTRICAL CHARACTERISTICS
SN65LVDS22
SN65LVDM22
SLLS315C – DECEMBER 1998 – REVISED JUNE 2002
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
100
mV
VIT–
Negative-going differential input voltage threshold
100
mV
VI = 0 V
2
20
II
Input current (A or B inputs)
µA
VI = 2.4 V
1.2
II(OFF
Power-off input current (A or B inputs)
VCC = 0 V
20
µA
)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VOD
Differential output voltage magnitude
247
340
454
mV
See Figure 2
Change in differential output voltage magnitude
∆V
OD
–50
50
mV
between logic states
RL = 100 Ω ('LVDS22),
1.37
VOC(SS)
Steady-state common-mode output voltage
1.125
V
RL = 50 Ω ('LVDM22)
5
Change in steady-state common-mode output
See Figure 3
∆V
OC(SS)
–50
3
50
mV
voltage between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
150
mV
No Load
8
12
RL = 100 Ω ('LVDS22)
13
20
ICC
Supply current
mA
RL = 50 Ω ('LVDM22)
21
27
Disabled
3
6
DE
–10
IIH
High-level input current
VIH = 5 V
µA
S0, S1
20
DE
–10
IIL
Low-level input current
VIL = 0.8 V
µA
S0, S1
10
–10
VOY or VOZ = 0 V, VOD = 0 V ('LVDS22)
–10
IOS
Short-circuit output current
mA
–10
VOY or VOZ = 0 V, VOD = 0 V ('LVDM22)
–10
VOD = 600 mV
0.015
±1
IOZ
High-impedance output current
µA
VO = 0 V or VCC
0.015
±1
IO(OFF)
Power-off output current
VCC = 0 V,
VO = 3.6 V
0.015
±1
µA
CIN
Input capacitance
3
pF
(1)
All typical values are at 25°C and with a 3.3-V supply.
5
Submit Documentation Feedback


Similar Part No. - SN65LVDM22DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM22D TI-SN65LVDM22D Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results

Similar Description - SN65LVDM22DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
logo
Fairchild Semiconductor
AN-5045 FAIRCHILD-AN-5045 Datasheet
50Kb / 2P
   High Speed LVDS Repeaters
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
SN65LVDS109 TI1-SN65LVDS109_13 Datasheet
670Kb / 26P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com