Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16VAMNR4 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC100EP16VAMNR4
Description  3.3V / 5V ECL Differential Receiver/Driver with High Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VAMNR4 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC100EP16VAMNR4 Datasheet HTML 3Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 4Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 5Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 6Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 7Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 8Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 9Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 10Page - ON Semiconductor MC100EP16VAMNR4 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC10EP16VA, MC100EP16VA
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−8 NB
CASE 751−07
ISSUE AH
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - MC100EP16VAMNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VAMNR4G ONSEMI-MC100EP16VAMNR4G Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
More results

Similar Description - MC100EP16VAMNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
logo
ON Semiconductor
MC10EP16T ONSEMI-MC10EP16T Datasheet
75Kb / 8P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
September, 2002 ??Rev. 3
MC10EP16T ONSEMI-MC10EP16T_06 Datasheet
164Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with Internal Termination
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com