Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP32DR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP32DR2G
Description  3.3V / 5V ECL 첨2 Divider
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP32DR2G Datasheet HTML 1Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 2Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 3Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 4Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 5Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 6Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 7Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 8Page - ON Semiconductor MC10EP32DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP32, MC100EP32
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8−Lead Pinout (Top View) and Logic
Diagram
CLK
Q
CLK
VBB
RESET
R
B2
Table 1. PIN DESCRIPTION
Pin
Function
CLK, CLK*
ECL Clock Inputs
Reset*
ECL Asynchronous Reset
VBB
Reference Voltage Output
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
EP
Exposed pad must be connected to a
sufficient thermal conduit. Electrically
connect to the most negative supply or
leave floating open.
*Pins will default LOW when left open.
Table 2. TRUTH TABLE
CLK
CLK
RESET
Q
Q
X
Z
X
Z
Z
L
L
F
H
F
Z = LOW to HIGH Transition
Z = HIGH to LOW Transition
F = Divide by 2 Function
Figure 2. Timing Diagram
CLK
RESET
Q
tRR
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
78 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Similar Part No. - MC10EP32DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Similar Description - MC10EP32DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC100LVEL33 ONSEMI-MC100LVEL33_06 Datasheet
140Kb / 8P
   3.3V ECL 첨4 Divider
December, 2006 ??Rev. 4
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com