Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS386DGG Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS386DGG
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS386DGG Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LVDS386DGG Datasheet HTML 2Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 3Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 4Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 5Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 6Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 7Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 8Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 9Page - Texas Instruments SN75LVDS386DGG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
VIB
VID
VIA
VIC
VO
A
B
R
V
IA )
V
IB
2
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1
2.6
4
ns
tPHL
Propagation delay time, high-to-low-level output
1
2.5
4
ns
tr
Output signal rise time
500
800
1200
ps
tf
Output signal fall time
See Figure 2
500
800
1200
ps
tsk(p)
Pulse skew (|tPHL - tPLH|)
150
600
ps
tsk(o)
Output skew(2)
100
400
ps
tsk(pp)
Part-to-part skew(3)
1
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
7
15
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
7
15
ns
See Figure 3
tPHZ
Propagation delay time, high-level-to-high-impedance output
7
15
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
7
15
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all drivers of a single device with all of their inputs connected
together.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of any two devices characterized in
this data sheet when both devices operate with the same supply voltage, at the same temperature, and have the same test circuits.
Figure 1. Voltage Definitions
Table 1. Receiver Minimum and Maximum Input Threshold Test Voltages
RESULTING DIFFERENTIAL
RESULTING COMMON-
APPLIED VOLTAGES
INPUT VOLTAGE
MODE INPUT VOLTAGE
VIA
VIB
VID
VIC
1.25 V
1.15 V
100 mV
1.2 V
1.15 V
1.25 V
–100 mV
1.2 V
2.4 V
2.3 V
100 mV
2.35 V
2.3 V
2.4 V
–100 mV
2.35 V
0.1 V
0 V
100 mV
0.05 V
0 V
0.1 V
–100 mV
0.05 V
1.5 V
0.9 V
600 mV
1.2 V
0.9 V
1.5 V
–600 mV
1.2 V
2.4 V
1.8 V
600 mV
2.1 V
1.8 V
2.4 V
–600 mV
2.1 V
0.6 V
0 V
600 mV
0.3 V
0 V
0.6 V
–600 mV
0.3 V
6


Similar Part No. - SN75LVDS386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
205Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGG TI-SN75LVDS386DGG Datasheet
806Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS386DGGR TI-SN75LVDS386DGGR Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDS386DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com