Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP58 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC10EP58
Description  3.3V / 5V ECL 2:1 Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP58 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC10EP58_06 Datasheet HTML 3Page - ON Semiconductor MC10EP58_06 Datasheet HTML 4Page - ON Semiconductor MC10EP58_06 Datasheet HTML 5Page - ON Semiconductor MC10EP58_06 Datasheet HTML 6Page - ON Semiconductor MC10EP58_06 Datasheet HTML 7Page - ON Semiconductor MC10EP58_06 Datasheet HTML 8Page - ON Semiconductor MC10EP58_06 Datasheet HTML 9Page - ON Semiconductor MC10EP58_06 Datasheet HTML 10Page - ON Semiconductor MC10EP58_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC10EP58, MC100EP58
http://onsemi.com
10
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948R−02
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH.
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.


Similar Part No. - MC10EP58_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58D ONSEMI-MC10EP58D Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
MC10EP58D ONSEMI-MC10EP58D Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EP58D ONSEMI-MC10EP58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP58DG ONSEMI-MC10EP58DG Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
MC10EP58DR2 ONSEMI-MC10EP58DR2 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
More results

Similar Description - MC10EP58_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58_06 Datasheet
127Kb / 7P
   3.3V ECL 2:1 Multiplexer
November, 2006 ??Rev. 5
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC100EL59 ONSEMI-MC100EL59_06 Datasheet
107Kb / 5P
   5V ECL Triple 2:1 Multiplexer
November, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com