Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC876IDB Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC876IDB
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC876IDB Datasheet(HTML) 4 Page - Texas Instruments

  TLC876IDB Datasheet HTML 1Page - Texas Instruments TLC876IDB Datasheet HTML 2Page - Texas Instruments TLC876IDB Datasheet HTML 3Page - Texas Instruments TLC876IDB Datasheet HTML 4Page - Texas Instruments TLC876IDB Datasheet HTML 5Page - Texas Instruments TLC876IDB Datasheet HTML 6Page - Texas Instruments TLC876IDB Datasheet HTML 7Page - Texas Instruments TLC876IDB Datasheet HTML 8Page - Texas Instruments TLC876IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
1, 19
Analog ground
AIN
27
I
Analog input
AVDD
28
5-V analog supply
CLK
15
I
Clock input
CML
26
O
Bypass for an internal bias point. Typically a 0.1
µF capacitor minimum is connected from this terminal to ground.
DGND
14, 20
Digital ground
DVDD
18
5-V digital supply
DRVDD
2
3.3-V/5-V digital supply. Supply for digital input and output buffers.
DRGND
13
3.3-V/5-V digital ground. Ground for digital input and output buffers.
D0 –D9
3–12
O
Digital data out. D0:LSB, D9:MSB
OE
16
I
Output enable. When OE = low or NC, the device is in normal operating mode. When OE = high, D0–D9 are high
impedance.
REFBF
24
I
Reference bottom force
REFBS
25
I
Reference bottom sense
REFTF
22
I
Reference top force
REFTS
21
I
Reference top sense
STBY
17
I
Standby enable. When STBY = low or NC, the device is in normal operating mode. When STBY = high, the device
is in standby mode.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, AVDD to AGND, DVDD to DGND
–0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range to AGND, VI(REFTF), VI(REFBF), VI(REFBS),
VI(REFTS)
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range applied from external source
–0.5 V to DVDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC876C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC876I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC876M
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C ‡
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
DB
1353 mW
10.82 mW/
°C
866 mW
703 mW
DW
1598 mW
12.78 mW/
°C
1023 mW
831 mW
320 mW
PW
1207 mW
9.65 mW/
°C
772 mW
627 mW
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). Thermal resistance is not production tested,
and values given are for informational purposes only.


Similar Part No. - TLC876IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876IDB TI-TLC876IDB Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876IDB TI1-TLC876IDB Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876IDBLE TI1-TLC876IDBLE Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876IDBR TI1-TLC876IDBR Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC876IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
logo
Cadeka Microcircuits LL...
SPT7851 CADEKA-SPT7851 Datasheet
225Kb / 9P
   10-Bit, 20 MSPS, 79mW Analog-to-DIgital Converter
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5582 AD-AD5582_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Analog Devices
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com