Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP195 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EP195
Description  3.3V ECL Programmable Delay Chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP195 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP195 Datasheet HTML 2Page - ON Semiconductor MC10EP195 Datasheet HTML 3Page - ON Semiconductor MC10EP195 Datasheet HTML 4Page - ON Semiconductor MC10EP195 Datasheet HTML 5Page - ON Semiconductor MC10EP195 Datasheet HTML 6Page - ON Semiconductor MC10EP195 Datasheet HTML 7Page - ON Semiconductor MC10EP195 Datasheet HTML 8Page - ON Semiconductor MC10EP195 Datasheet HTML 9Page - ON Semiconductor MC10EP195 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MC10EP195, MC100EP195
http://onsemi.com
6
Table 6. THEORETICAL DELAY VALUES
D(9:0) Value
SETMIN
SETMAX
Programmable Delay*
XXXXXXXXXX
H
L
0 ps
0000000000
L
L
0 ps
0000000001
L
L
10 ps
0000000010
L
L
20 ps
0000000011
L
L
30 ps
0000000100
L
L
40 ps
0000000101
L
L
50 ps
0000000110
L
L
60 ps
0000000111
L
L
70 ps
0000001000
L
L
80 ps
0000010000
L
L
160 ps
0000100000
L
L
320 ps
0001000000
L
L
640 ps
0010000000
L
L
1280 ps
0100000000
L
L
2560 ps
1000000000
L
L
5120 ps
1111111111
L
L
10230 ps
XXXXXXXXXX
L
H
10240 ps
*Fixed minimum delay not included.


Similar Part No. - MC10EP195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP195 ONSEMI-MC10EP195 Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195 ONSEMI-MC10EP195 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10EP195FA ONSEMI-MC10EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195FAG ONSEMI-MC10EP195FAG Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10EP195FAR2 ONSEMI-MC10EP195FAR2 Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
More results

Similar Description - MC10EP195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com