Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE15034 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJE15034
Description  4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE15034 Datasheet(HTML) 1 Page - ON Semiconductor

  MJE15034_06 Datasheet HTML 1Page - ON Semiconductor MJE15034_06 Datasheet HTML 2Page - ON Semiconductor MJE15034_06 Datasheet HTML 3Page - ON Semiconductor MJE15034_06 Datasheet HTML 4Page - ON Semiconductor MJE15034_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MJE15034/D
MJE15034 NPN,
MJE15035 PNP
Preferred Device
Complementary Silicon
Plastic Power Transistors
TO−220, NPN & PNP Devices
Complementary silicon plastic power transistors are designed for
use as high−frequency drivers in audio amplifiers.
Features
hFE = 100 (Min) @ IC = 0.5 Adc
= 10 (Min) @ IC = 2.0 Adc
Collector−Emitter Sustaining Voltage −
VCEO(sus) = 350 Vdc (Min) − MJE15034, MJE15035
High Current Gain − Bandwidth Product
fT = 30 MHz (Min) @ IC = 500 mAdc
TO−220AB Compact Package
Epoxy meets UL 94 V−0 @ 0.125 in
ESD Ratings: Machine Model: C
Human Body Model: 3B
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
350
Vdc
Collector−Base Voltage
VCB
350
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
4.0
8.0
Adc
Base Current
IB
1.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
0.40
W
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
4.0 AMPERES
POWER TRANSISTORS
COMPLEMENTARY SILICON
350 VOLTS, 50 WATTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MJE15034
TO−220AB
50 Units / Rail
TO−220AB
CASE 221A
STYLE 1
1
2
3
4
MARKING DIAGRAM
MJE1503x
= Device Code
x = 4 or 5
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MJE1503xG
AYWW
http://onsemi.com
MJE15035
TO−220AB
50 Units / Rail
MJE15035G
TO−220AB
(Pb−Free)
50 Units / Rail
MJE15034G
TO−220AB
(Pb−Free)
50 Units / Rail


Similar Part No. - MJE15034_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE15034G ONSEMI-MJE15034G Datasheet
77Kb / 5P
   Complementary Silicon Plastic Power Transistors
January, 2015 ??Rev. 6
MJE15034 ONSEMI-MJE15034_15 Datasheet
77Kb / 5P
   Complementary Silicon Plastic Power Transistors
January, 2015 ??Rev. 6
More results

Similar Description - MJE15034_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com