Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H332 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H332
Description  Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H332 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H332_06 Datasheet HTML 1Page - ON Semiconductor MC10H332_06 Datasheet HTML 2Page - ON Semiconductor MC10H332_06 Datasheet HTML 3Page - ON Semiconductor MC10H332_06 Datasheet HTML 4Page - ON Semiconductor MC10H332_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H332
http://onsemi.com
3
Table 4. MULTIPLEXER TRUTH TABLE
Table 5. RECEIVER TRUTH TABLE
VCC
= PIN 1
VCC01 = PIN 11
VCC02 = PIN 20
VEE
= PIN 10
OE
S1
S0
XBus
YBus
RE
Xin
Yin
H
L
L
L
L
X
L
L
H
H
X
L
H
L
H
−2.0V
X0
X1
X2
X3
−2.0V
Y0
Y1
Y2
Y3
H
L
L
XBus
L
YBus
OE
X0
X1
X2
X3
S0
S1
Y0
Y1
Y2
Y3
XIN
RE
YIN
XBUS
YBUS
7
6
5
16
15
8
9
13
4
3
2
19
18
17
14
12
LOGIC DIAGRAM
ORDERING INFORMATION
Device
Package
Shipping
MC10H332FN
PLLC−20
46 Units / Rail
MC10H332FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H332FNR2
PLLC−20
500 / Tape & Reel
MC10H332FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H332P
PDIP−20
18 Unit / Rail
MC10H332PG
PDIP−20
(Pb−Free)
18 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H332_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
More results

Similar Description - MC10H332_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H332 ONSEMI-MC10H332 Datasheet
106Kb / 4P
   Dual Bus Driver/Receiver with 4-to-1 Output Multiplexers
1996 REV 5
MC10H330 ONSEMI-MC10H330 Datasheet
115Kb / 4P
   Quad Bus Driver/Receiver with 2-to-1 Output Multiplexers
1996 REV 5
MC10H330 ONSEMI-MC10H330_06 Datasheet
150Kb / 5P
   Quad Bus Driver/Receiver with 2?뭪o?? Output Multiplexers
February, 2006 ??Rev. 7
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Renesas Technology Corp
HD74HC153 RENESAS-HD74HC153 Datasheet
79Kb / 6P
   Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
HD74HC153 HITACHI-HD74HC153 Datasheet
45Kb / 8P
   Dual 4-to-1-line Data Selectors/Multiplexers
logo
Renesas Technology Corp
HD74HC352 RENESAS-HD74HC352 Datasheet
84Kb / 7P
   Dual 4-to-1-line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com