Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW3281A Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJW3281A
Description  15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW3281A Datasheet(HTML) 2 Page - ON Semiconductor

  MJW3281A Datasheet HTML 1Page - ON Semiconductor MJW3281A Datasheet HTML 2Page - ON Semiconductor MJW3281A Datasheet HTML 3Page - ON Semiconductor MJW3281A Datasheet HTML 4Page - ON Semiconductor MJW3281A Datasheet HTML 5Page - ON Semiconductor MJW3281A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJW3281A (NPN) MJW1302A (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 100 mAdc, IB = 0)
VCEO(sus)
230
Vdc
Collector Cutoff Current
(VCB = 230 Vdc, IE = 0)
ICBO
50
mAdc
Emitter Cutoff Current
(VEB = 5 Vdc, IC = 0)
IEBO
5
mAdc
SECOND BREAKDOWN
Second Breakdown Collector with Base Forward Biased
(VCE = 50 Vdc, t = 1 s (non−repetitive)
(VCE = 100 Vdc, t = 1 s (non−repetitive)
IS/b
4
1
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 5 Vdc)
(IC = 1 Adc, VCE = 5 Vdc)
(IC = 3 Adc, VCE = 5 Vdc)
(IC = 5 Adc, VCE = 5 Vdc)
(IC = 7 Adc, VCE = 5 Vdc)
(IC = 8 Adc, VCE = 5 Vdc)
(IC = 15 Adc, VCE = 5 Vdc)
hFE
50
50
50
50
50
45
12
125
115
35
200
200
200
200
200
Collector−Emitter Saturation Voltage
(IC = 10 Adc, IB = 1 Adc)
VCE(sat)
0.4
2
Vdc
Base−Emitter On Voltage
(IC = 8 Adc, VCE = 5 Vdc)
VBE(on)
2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 1 Adc, VCE = 5 Vdc, ftest = 1 MHz)
fT
30
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
600
pF


Similar Part No. - MJW3281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A Datasheet
91Kb / 8P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2002 ??Rev. 1
MJW3281A ONSEMI-MJW3281A Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MJW3281A ISC-MJW3281A Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
MJW3281AG ONSEMI-MJW3281AG Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
MJW3281A ONSEMI-MJW3281A_10 Datasheet
160Kb / 6P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
March, 2010 ??Rev. 4
More results

Similar Description - MJW3281A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
logo
Motorola, Inc
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com