Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H350FNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H350FNR2G
Description  PECL* to TTL Translator (5 Vdc Power Supply Only)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H350FNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H350FNR2G Datasheet HTML 1Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 2Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 3Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 4Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 5Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 6Page - ON Semiconductor MC10H350FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H350
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ±5%) (Note 1)
TA = 0°C to 75°C
Symbol
Characteristic
Min
Max
Unit
ICC
Power Supply Current
TTL
ECL
20
12
mA
IIH
IINH
Input Current High
Pin 9
Others
20
50
mA
IIL
IINL
Input Current Low
Pin 9
Others
−0.6
50
mA
mA
VIH
Input Voltage High
Pin 9
2.0
Vdc
VIL
Input Voltage Low
Pin 9
0.8
Vdc
VDIFF
Differential Input Voltage (Note 1)
Pins 3−6, 11−14 (1)
350
mV
VCM
Voltage Common Mode
Pins 3−6, 11−14
2.8
VCC
Vdc
VOH
Output Voltage High
IOH = 3.0 mA
2.7
Vdc
VOL
Output Voltage Low
IOL = 20 mA
0.5
Vdc
IOS
Short Circuit Current
VOUT = 0 V
−60
−150
mA
IOZH
Output Disable Current High
VOUT = 2.7 V
50
mA
IOZL
Output Disable Current Low
VOUT = 0.5 V
−50
mA
*Positive Emitter Coupled Logic
1. Common mode input voltage to pins 3−4, 5−6, 11−12, 13−14 must be between the values of 2.8 V and 5.0 V. This common mode input voltage
range includes the differential input swing.
2. For single−ended use, apply 3.75 V (VBB) to either input depending on output polarity required. Signal level range to other input is 3.3 V to 4.2 V.
3. Any unused gates should have the inverting inputs tied to VCC and the noninverting inputs tied to ground to prevent output glitching.
Table 3. AC PARAMETERS (CL = 50 pF) (VCC = 5.0 ± 5%) (TA = 0°C to 75°C)
TA = 0°C to 75°C
Symbol
Characteristic
Min
Max
Unit
tpd
Propagation Delay Data (50% to 1.5 V)
1.5
5.0
ns
tr
Rise Time (Note 4)
0.3
1.6
ns
tf
Fall Time (Note 4)
0.3
1.6
ns
tpdLZ
tpdHZ
Output Disable Time
2.0
2.0
6.0
6.0
ns
tpdZL
tpdZH
Output Enable Time
2.0
2.0
8.0
8.0
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. 1.0 V to 2.0 V w/50 pF into 500 W.


Similar Part No. - MC10H350FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350FNR2G ONSEMI-MC10H350FNR2G Datasheet
144Kb / 6P
   PECL to TTL Translato
August, 2016 ??Rev. 11
More results

Similar Description - MC10H350FNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
Fairchild Semiconductor
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com