Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H424PG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H424PG
Description  Quad TTL to ECL Translator with ECL Strobe
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H424PG Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H424PG Datasheet HTML 1Page - ON Semiconductor MC10H424PG Datasheet HTML 2Page - ON Semiconductor MC10H424PG Datasheet HTML 3Page - ON Semiconductor MC10H424PG Datasheet HTML 4Page - ON Semiconductor MC10H424PG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H424
http://onsemi.com
3
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Data
Strobe
0.5
0.5
2.2
2.2
0.5
0.5
2.3
2.3
0.5
0.5
2.4
2.4
ns
tr
Rise Time
0.5
2.0
0.5
2.0
0.5
2.2
ns
tf
Fall Time
0.5
2.0
0.5
2.0
0.5
2.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
APPLICATIONS INFORMATION
The MC10H424 has TTL−compatible inputs, an ECL
strobe and MECL complementary open−emitter outputs that
allow use as an inverting/non−inverting translator or as a
differential line driver. When the common strobe input is at
the low−logic level, it forces all true outputs to a MECL
low−logic state and all inverting outputs to a MECL
high−logic state.
An advantage of this device is that TTL−level information
can be transmitted differentially, via balanced twisted pair
lines, to MECL equipment, where the signal can be received
by the MC10H115 or MC10H116 differential line receivers.
ORDERING INFORMATION
Device
Package
Shipping
MC10H424FN
PLLC−20
46 Units / Rail
MC10H424FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H424FNR2
PLLC−20
500 / Tape & Reel
MC10H424FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H424L
CDIP−16
25 Unit / Rail
MC10H424P
PDIP−16
25 Unit / Rail
MC10H424PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H424PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H424P ONSEMI-MC10H424P Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
More results

Similar Description - MC10H424PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
National Semiconductor ...
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com