Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1V160 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MKP1V160
Description  Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 ??240 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MKP1V160 Datasheet(HTML) 4 Page - ON Semiconductor

  MKP1V160 Datasheet HTML 1Page - ON Semiconductor MKP1V160 Datasheet HTML 2Page - ON Semiconductor MKP1V160 Datasheet HTML 3Page - ON Semiconductor MKP1V160 Datasheet HTML 4Page - ON Semiconductor MKP1V160 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MKP1V120 Series
http://onsemi.com
4
THERMAL CHARACTERISTICS
Figure 5. Thermal Response
t, TIME (ms)
10
0.1
0.07
0.03
0.02
0.01
5.0
0.2
0.5
1.0
2.0
0.05
0.1
0.2
0.3
0.5
0.7
1.0
20
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
The temperature of the lead should be
measured using a thermocouple placed on the
lead as close as possible to the tie point. The
thermal mass connected to the tie point is
normally large enough so that it will not
significantly respond to heat surges generated
in the diode as a result of pulsed operation
once steady−state conditions are achieved.
Using the measured value of TL, the junction
temperature may be determined by:
TJ = TL + DTJL
ZqJL(t) = RqJL • r(t)
DTJL = Ppk RqJL[r(t)]
where:
DTJL = the increase in junction temperature above the
lead temperature
r(t) = normalized value of transient thermal resistance at
time, t from this figure. For example,
r(tp) = normalized value of transient resistance at time tp.
TIME
tp
Figure 6. Typical Breakover Voltage
Figure 7. Typical Holding Current
Figure 8. Pulse Rating Curve
TJ, JUNCTION TEMPERATURE (°C)
−60
0.8
0.4
100
0.1
tw, PULSE WIDTH (ms)
100
10
1.0
−40
−20
100
140
0.6
1.0
1.2
10
TJ, JUNCTION TEMPERATURE (°C)
100
−60
0.9
0.8
40
−40
−20
0
20
1.0
1.4
1.0
80
60
120
140
120
80
060
40
20
10%
tw
IPK


Similar Part No. - MKP1V160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP1V160 ONSEMI-MKP1V160 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
MKP1V160RL ONSEMI-MKP1V160RL Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
More results

Similar Description - MKP1V160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MKP3V120 ONSEMI-MKP3V120_06 Datasheet
58Kb / 5P
   Sidac High Voltage Bidirectional Triggers 1 AMPERE RMS 120 and 240 VOLTS
February, 2006??Rev. 4
MKP3V120 ONSEMI-MKP3V120 Datasheet
86Kb / 8P
   Sidac High Voltage Bidirectional Triggers
May, 2000 ??Rev. 3
MKP9V160 ONSEMI-MKP9V160 Datasheet
139Kb / 5P
   Sidac High Voltage Bidirectional Triggers
February, 2006 ??Rev. 1
logo
Motorola, Inc
MKP1V120 MOTOROLA-MKP1V120 Datasheet
85Kb / 4P
   SIDACs 0.9 AMPERES RMS 110 thru 280 VOLTS
MAC4DHM MOTOROLA-MAC4DHM Datasheet
131Kb / 6P
   TRIACS 4.0 AMPERES RMS 600 VOLTS
MAC224 MOTOROLA-MAC224 Datasheet
56Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
NTE Electronics
NTE6415 NTE-NTE6415 Datasheet
17Kb / 2P
   Bidirectional Thyristor Diodes (SIDAC)
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com