Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H121 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10H121
Description  4?뭌ide OR?묨ND/OR?묨ND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H121 Datasheet(HTML) 6 Page - ON Semiconductor

  MC10H121 Datasheet HTML 1Page - ON Semiconductor MC10H121 Datasheet HTML 2Page - ON Semiconductor MC10H121 Datasheet HTML 3Page - ON Semiconductor MC10H121 Datasheet HTML 4Page - ON Semiconductor MC10H121 Datasheet HTML 5Page - ON Semiconductor MC10H121 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC10H121
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
PDIP−16
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648−08
ISSUE R
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC10H121/D
MECL 10H and MECL 10K are trademarks of Motorola, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MC10H121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10H121FN ONSEMI-MC10H121FN Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10H121L ONSEMI-MC10H121L Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10H121P ONSEMI-MC10H121P Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
More results

Similar Description - MC10H121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H117 ONSEMI-MC10H117_06 Datasheet
152Kb / 6P
   Dual 2?뭌ide 2???묲nput OR?묨ND/OR?묨ND Gate
February, 2006 ??Rev. 7
MC10H121 ONSEMI-MC10H121 Datasheet
109Kb / 4P
   4-WIDE OR-AND / OR-AND GATE
May, 2000 ??Rev. 7
MC10121 ONSEMI-MC10121 Datasheet
101Kb / 5P
   4-Wide OR-AND/OR-AND Gate
1996 REV 5
MC10121 ONSEMI-MC10121_02 Datasheet
108Kb / 8P
   4-Wide OR-AND/OR-AND Gate
January, 2002 ??Rev. 7
logo
STMicroelectronics
HCC4071B STMICROELECTRONICS-HCC4071B Datasheet
281Kb / 11P
   OR GATE
logo
Festo Corporation.
6681 FESTO-6681 Datasheet
77Kb / 1P
   OR gate
4/15/22
6684 FESTO-6684 Datasheet
76Kb / 1P
   OR gate
4/15/22
logo
STMicroelectronics
HCF4072B STMICROELECTRONICS-HCF4072B Datasheet
144Kb / 7P
   DUAL 4 INPUT OR GATE
logo
Festo Corporation.
6682 FESTO-6682 Datasheet
76Kb / 1P
   OR gate
4/15/22
10412 FESTO-10412 Datasheet
77Kb / 1P
   OR gate
4/15/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com