Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H115MEL Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H115MEL
Description  Quad Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H115MEL Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H115MEL Datasheet HTML 1Page - ON Semiconductor MC10H115MEL Datasheet HTML 2Page - ON Semiconductor MC10H115MEL Datasheet HTML 3Page - ON Semiconductor MC10H115MEL Datasheet HTML 4Page - ON Semiconductor MC10H115MEL Datasheet HTML 5Page - ON Semiconductor MC10H115MEL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H115
http://onsemi.com
3
Table 3. AC PARAMETERS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.4
1.3
0.4
1.3
0.45
1.45
ns
tr
Rise Time
0.5
1.4
0.5
1.5
0.5
1.6
ns
tf
Fall Time
0.5
1.4
0.5
1.5
0.5
1.6
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H115FN
PLLC−20
46 Units / Rail
MC10H115FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H115FNR2
PLLC−20
500 / Tape & Reel
MC10H115FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H115L
CDIP−16
25 Unit / Rail
MC10H115M
SOEIAJ−16
50 Unit / Rail
MC10H115MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H115MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H115MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H115P
PDIP−16
25 Unit / Rail
MC10H115PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC10H115MEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115FNG ONSEMI-MC10H115FNG Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115FNR2G ONSEMI-MC10H115FNR2G Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
MC10H115PG ONSEMI-MC10H115PG Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
More results

Similar Description - MC10H115MEL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
   Quad Line Receiver
REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
   Quad Line Receiver
1996 REV 5
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
   Quad Line Receiver
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL Datasheet
63Kb / 4P
   Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115_02 Datasheet
86Kb / 4P
   Quad Line Receiver
January, 2002 ??Rev. 7
MC10H115 ONSEMI-MC10H115_16 Datasheet
141Kb / 5P
   Quad Line Receiver
August, 2016 ??Rev. 8
logo
Austin Semiconductor
AS10515F16MIL AUSTIN-AS10515F16MIL_06 Datasheet
43Kb / 4P
   Quad Line Receiver
logo
Linear Technology
LTC488CSW LINER-LTC488CSW Datasheet
117Kb / 12P
   Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com