Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H135 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H135
Description  Dual J?묷 Master?뭆lave Flip?묯lop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H135 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H135 Datasheet HTML 1Page - ON Semiconductor MC10H135 Datasheet HTML 2Page - ON Semiconductor MC10H135 Datasheet HTML 3Page - ON Semiconductor MC10H135 Datasheet HTML 4Page - ON Semiconductor MC10H135 Datasheet HTML 5Page - ON Semiconductor MC10H135 Datasheet HTML 6Page - ON Semiconductor MC10H135 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H135
http://onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
75
68
75
mA
IinH
Input Current High
Pins 6, 7, 10, 11
Pins 4, 5, 12, 13
Pin 9
460
800
675
285
500
420
285
500
420
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained.
Outputs are terminated through a 50 W resistor to −2.0 V.
Table 5. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Set, Reset, Clock
0.7
2.6
0.7
2.6
0.7
2.6
ns
tr
Rise Time
0.7
2.2
0.7
2.2
0.7
2.2
ns
tf
Fall Time
0.7
2.2
0.7
2.2
0.7
2.2
ns
tset
Set−up Time
1.5
1.5
1.5
ns
thold
Hold Time
1.0
1.0
1.0
ns
ftog
Toggle Frequency
250
250
250
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H135

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10H135 ONSEMI-MC10H135 Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
MC10H135FNG ONSEMI-MC10H135FNG Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
MC10H135FNR2G ONSEMI-MC10H135FNR2G Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
MC10H135PG ONSEMI-MC10H135PG Datasheet
140Kb / 5P
   Dual J?륦 Master?륲lave Flip?륡lop
August, 2016 ??Rev. 9
More results

Similar Description - MC10H135

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B_05 Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC10H131 ONSEMI-MC10H131_06 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H176 ONSEMI-MC10H176_06 Datasheet
153Kb / 7P
   Hex D Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H186 ONSEMI-MC10H186_06 Datasheet
149Kb / 5P
   Hex D Master?뭆lave Flip?묯lop with Reset
February, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
   Dual J-K Master-Slave Flip Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com