Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC10H641 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC10H641
Description  Single Supply PECL to TTL 1:9 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H641 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H641_06 Datasheet HTML 1Page - ON Semiconductor MC10H641_06 Datasheet HTML 2Page - ON Semiconductor MC10H641_06 Datasheet HTML 3Page - ON Semiconductor MC10H641_06 Datasheet HTML 4Page - ON Semiconductor MC10H641_06 Datasheet HTML 5Page - ON Semiconductor MC10H641_06 Datasheet HTML 6Page - ON Semiconductor MC10H641_06 Datasheet HTML 7Page - ON Semiconductor MC10H641_06 Datasheet HTML 8Page - ON Semiconductor MC10H641_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC10H641, MC100H641
http://onsemi.com
4
Table 6. AC CHARACTERISTICS (VT = VE = 5.0 V ± 5%)
Characteristic
TJ = 0°C
TJ = + 25°C
TJ = + 85°C
Symbol
Condition
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay
D to Q
CL = 50 pF (Note 3)
5.00
5.36
5.50
5.86
6.00
6.36
4.86
5.27
5.36
5.77
5.86
6.27
5.08
5.43
5.58
5.93
6.08
6.43
ns
tskew
Device Skew
Part−to−Part
Single VCC
Output−to−Output
CL = 50 pF (Note 4)
CL = 50 pF (Note 5)
CL = 50 pF (Note 6)
1000
750
350
1000
750
350
1000
750
350
ps
tPLH
tPHL
Propagation Delay
LEN to Q
CL = 50 pF
4.9
6.9
4.9
6.9
5.0
7.0
ns
tPLH
tPHL
Propagation Delay
EN to Q
CL = 50 pF
5.0
7.0
4.9
6.9
5.0
7.0
ns
tr
tf
Output Rise/Fall
0.8 V to 2.0 V
CL = 50 pF
1.7
1.6
1.7
1.6
1.7
1.6
ns
fMAX
Max Input Frequency
CL = 50 pF (Note 7)
65
65
65
MHz
tS
Setup Time
0.75
0.50
0.75
0.50
0.75
0.50
ns
tH
Hold Time
0.75
0.50
0.75
0.50
0.75
0.50
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
3. Propagation delay measurement guaranteed for junction temperatures. Measurements performed at 50 MHz input frequency.
4. Skew window guaranteed for a single temperature across a VCC = VT = VE of 4.75 V to 5.25 V (See Application Note in this data sheet).
5. Skew window guaranteed for a single temperature and single VCC = VT = VE
6. Output−to−output skew is specified for identical transitions through the device.
7. Frequency at which output levels will meet a 0.8 V to 2.0 V minimum swing.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn