Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC10H643 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MC10H643
Description  Dual Supply ECL to TTL 1:8 Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H643_06 Datasheet HTML 1Page - ON Semiconductor MC10H643_06 Datasheet HTML 2Page - ON Semiconductor MC10H643_06 Datasheet HTML 3Page - ON Semiconductor MC10H643_06 Datasheet HTML 4Page - ON Semiconductor MC10H643_06 Datasheet HTML 5Page - ON Semiconductor MC10H643_06 Datasheet HTML 6Page - ON Semiconductor MC10H643_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10H643, MC100H643
http://onsemi.com
2
1
IVT2
IGND2
VCCE
VCCE
LEN
VBB
D
Q3
OGND2
Q2
OVT1
Q1
OGND1
Q0
56
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Figure 1. Pinout: PLCC−28
(Top View)
OGND
OVT
IGND
IVT
VEE
VCCE
D, D
VBB
Q0 − Q7
EN
LEN
TTL Output Ground (0V)
TTL Output VCC (+5.0V)
Internal TTL GND (0V)
Internal TTL VCC (+5.0V)
ECL VEE (−5.2/−4.5V)
ECL Ground (0V)
Signal Input (ECL)
VBB Reference Output
Signal Outputs (TTL)
Enable Input (ECL)
Latch Enable Input (ECL)
PIN
FUNCTION
Table 1. PIN DESCRIPTION
TTL OUTPUTS
Figure 2. Logic Diagram
ECL INPUT
D
D
VBB
LEN
EN
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
Q
Table 2. TRUTH TABLE
D
LEN
EN
Q
L
H
X
X
L
L
H
X
L
L
L
H
L
H
QO
L


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn