Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H645 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10H645
Description  1:9 TTL Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10H645 Datasheet HTML 1Page - ON Semiconductor MC10H645 Datasheet HTML 2Page - ON Semiconductor MC10H645 Datasheet HTML 3Page - ON Semiconductor MC10H645 Datasheet HTML 4Page - ON Semiconductor MC10H645 Datasheet HTML 5Page - ON Semiconductor MC10H645 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H645
http://onsemi.com
3
Table 4. ABSOLUTE RATINGS (Do not exceed)
Symbol
Characteristic
Value
Unit
VE (ECL)
Power Supply Voltage
−0.5 to +7.0
V
VT (TTL)
Power Supply Voltage
−0.5 to +7.0
V
VI (TTL)
Input Voltage
−0.5 to +7.0
V
Vout
Disabled 3−State Output
0.0 to VT
V
Tstg
Storage Temperature
−65 to 150
°C
Tamb
Operating Temperature
0.0 to +85
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 5. DC CHARACTERISTICS (VT = VE = 5.0 V ±5%)
0°C
25°C
85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Power Supply Current
ECL
30
30
30
mA
VE Pin
ICCH
TTL
30
30
30
mA
Total all VT pins
ICCL
35
35
35
mA
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = −3.0 mA
IOH = −15 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
IOS
Output Short Circuit Current
−100
−225
−100
−225
−100
−225
mA
VOUT = 0 V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. TTL DC CHARACTERISTICS (VT = VE = 5.0 V ±5%)
0°C
25°C
85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
IIH
Input HIGH Current
20
100
20
100
20
100
mA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
−0.6
−0.6
−0.6
mA
VIN = 0.5 V
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = −3.0 mA
IOH = −24 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
VIK
Input Clamp Voltage
−1.2
−1.2
−1.2
V
IIN = −18 mA
IOS
Output Short Circuit Current
−100
−225
−100
−225
−100
−225
mA
VOUT = 0 V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - MC10H645

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10H645FNR2G ONSEMI-MC10H645FNR2G Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
More results

Similar Description - MC10H645

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com