Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100H680 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100H680
Description  4?묪it Differential ECL Bus to TTL Bus Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H680 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC100H680 Datasheet HTML 2Page - ON Semiconductor MC100H680 Datasheet HTML 3Page - ON Semiconductor MC100H680 Datasheet HTML 4Page - ON Semiconductor MC100H680 Datasheet HTML 5Page - ON Semiconductor MC100H680 Datasheet HTML 6Page - ON Semiconductor MC100H680 Datasheet HTML 7Page - ON Semiconductor MC100H680 Datasheet HTML 8Page - ON Semiconductor MC100H680 Datasheet HTML 9Page - ON Semiconductor MC100H680 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC10H680, MC100H680
http://onsemi.com
6
Figure 2. Block Diagram
TOE
EOE
CONTROL INPUTS
ECL I/O
TTL I/O
VEE
VCCE
VCCT2
VCCT1
VCCO1
GND1
VCCO2
GND2
VCCO3
GND3
GND4
VCCO4
TIO3
EIO3
EIO3
TIO2
EIO2
EIO2
TIO1
EIO1
EIO1
ECE
TCE
EDIR
TDIR
TIO0
EIO0
EIO0
50 W COAX
VEE
VCC & VCCO
IN
OUT
OSCILLOSCOPE
CH A
CH B
USE 0.1 mF CAPACITORS
FOR DECOUPLING.
DEVICE
UNDER
TEST
PULSE
GENERATOR
Figure 3. Switching Circuit ECL
ECL
DEVICE
UNDER
TEST
50 pF
R2
500 W
R1
500 W
ALL
OTHERS
+7 V
OPEN
tPZL, tPLZ
TTL
50 W
USE OSCILLOSCOPE
INTERNAL 50 W LOAD
FOR TERMINATION.
Figure 4.
SWITCHING CIRCUIT


Similar Part No. - MC100H680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H680 ONSEMI-MC100H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FN ONSEMI-MC100H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FNR2 ONSEMI-MC100H680FNR2 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
More results

Similar Description - MC100H680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3126 ONSEMI-74FST3126_06 Datasheet
195Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 2
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com