Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1130 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10SX1130
Description  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10SX1130_06 Datasheet HTML 1Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 2Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 3Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 4Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 5Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 6Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 7Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 8Page - ON Semiconductor MC10SX1130_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 3
1
Publication Order Number:
MC10SX1130/D
MC10SX1130
LED Driver
Description
The MC10SX1130 is high speed LED Driver/current switch
specifically targeted for use in FDDI PMD and ANSI X3T9.3
FibreChannel 266 Mbits/s optical transmitters. The integrated circuit
contains several unique functional blocks which makes it easily
configurable for use with a variety of high performance LED devices.
The part is fabricated using MOSAIC III
™ bipolar process. The logic
is designed so that a data HIGH input results in the modulation current
flowing through the IOUT pin to turn on the LED.
The device incorporates open collector outputs with a capability of
driving peak currents of 100 mA. Since the output current switching
circuitry simply switches current between the complementary outputs,
the dynamic switching demands on the system power supply are
greatly reduced. In addition, because the design is pure bipolar, the
device current drain is insensitive to the data pattern and frequency of
operation.
The LED drive current is adjustable through the selection of an
external set resistor, RSET. In addition, to allow for open loop
compensation for the LED’s negative optical output power tracking
over temperature, a circuit is included to provide an adjustable positive
temperature tracking coefficient to the LED drive current. This is
controlled through the selection of an external resistor, RTCO.
The MC10SX1130 incorporates novel pulse stretching circuitry
which is intended to compensate for the turn-on delay and rise and fall
time asymmetry inherent in LED devices. The stretch circuitry can be
used to pre-distort the input signal pulse width to minimize the duty
cycle distortion of the transmitted optical eye pattern. The stretch
circuitry supports three different selections of pre-distortion. This
choice is accomplished through a unique ‘tri-state’ input which can be
left open, tied to VCC, or tied to VEE to determine the pre-distortion
amount.
The device provides a VBB output for either single-ended use or as a
DC bias for AC coupling the signal into the device. The VBB pin
should only be used as a bias for the MC10SX1130 as its current
sink/source capability is limited. Whenever used, the VBB pin should
be bypassed to ground via a 0.01
mF capacitor.
Features
Differential Data Inputs
300 MHz Operation
100 mA Peak Drive Current
Extremely Low Jitter
Duty Cycle Distortion Compensation
Adjustable Output Current Tracking With Temperature
Thermally Enhanced 16-Lead SOIC Package
75 kW Data Input Pulldown Resistors
+5 V or −5.2 V Operation
VBB Reference Available
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
LED DRIVER
SOIC−16
D SUFFIX
CASE 751B
http://onsemi.com
MARKING DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
10SX1130G
AWLYWW


Similar Part No. - MC10SX1130_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

Similar Description - MC10SX1130_06

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com