Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100H646FN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100H646FN
Description  PECL/TTL?뭈TL 1:8 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H646FN Datasheet(HTML) 5 Page - ON Semiconductor

  MC100H646FN Datasheet HTML 1Page - ON Semiconductor MC100H646FN Datasheet HTML 2Page - ON Semiconductor MC100H646FN Datasheet HTML 3Page - ON Semiconductor MC100H646FN Datasheet HTML 4Page - ON Semiconductor MC100H646FN Datasheet HTML 5Page - ON Semiconductor MC100H646FN Datasheet HTML 6Page - ON Semiconductor MC100H646FN Datasheet HTML 7Page - ON Semiconductor MC100H646FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10H646, MC100H646
http://onsemi.com
5
Table 8. AC CHARACTERISTICS (IVT = OVT = VCCE = 5.0 V ±5%)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
ECLK to Q
TCLK to Q
4.8
5.1
5.8
6.4
5.0
5.3
6.0
6.4
5.6
5.7
6.6
7.0
ns
tPHL
Propagation Delay
ECLK to Q
TCLK to Q
4.4
4.7
5.4
6.0
4.4
4.8
5.4
5.9
4.8
5.2
5.8
6.5
ns
tSK(O)
Output Skew
Q0, Q3, Q4, Q7
Q1, Q2, Q5
Q0−Q7
(Notes 4, 9)
350
350
500
350
350
500
350
350
500
ps
tSK(PR)
Process Skew
ECLK to Q
TCLK to Q
(Notes 5, 9)
1.0
1.3
1.0
1.1
1.0
1.3
ns
tSK(P)
Pulse Skew
DtPLH − tPHL
1.0
1.0
1.0
ns
tr, tf
Rise/Fall Time
0.3
1.5
0.3
1.5
0.3
1.5
ns
tPW
Output Pulse Width
66 MHz @ 2.0 V
66 MHz @ 0.8 V
60 MHz @ 2.0 V
60 MHz @ 0.8 V
(Notes 6, 9)
5.5
5.5
6.0
6.0
5.5
5.5
6.0
6.0
5.5
5.5
6.0
6.0
ns
tStability
Clock Stability
(Notes 7, 9)
$75
$75
$75
ps
FMAX
Maximum Input Frequency
(Notes 8, 9)
80
80
80
MHz
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
4. Output skew defined for identical output transitions.
5. Process skew is valid for VCC = 5.0 V ± 5%.
6. Parameters guaranteed by tSK(P) and tr, tf specification limits.
7. Clock stability is the period variation between two successive rising edges.
8. For series terminated lines. See Applications section for FMAX enhancement techniques.
9. All AC specifications tested driving 50 W series terminated transmission lines at 80 MHz.
ORDERING INFORMATION
Device
Package
Shipping
MC10H646FN
PLCC−28
37 Units / Rail
MC10H646FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC10H646FNR2
PLCC−28
500 / Tape & Reel
MC10H646FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
MC100H646FN
PLCC−28
37 Units / Rail
MC100H646FNG
PLCC−28
(Pb−Free)
37 Units / Rail
MC100H646FNR2
PLCC−28
500 / Tape & Reel
MC100H646FNR2G
PLCC−28
(Pb−Free)
500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC100H646FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H646 ONSEMI-MC100H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
More results

Similar Description - MC100H646FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
   1:10 PECL clock distribution device
2001 Jun 19
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com