Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1130DG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10SX1130DG
Description  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130DG Datasheet(HTML) 7 Page - ON Semiconductor

  MC10SX1130DG Datasheet HTML 1Page - ON Semiconductor MC10SX1130DG Datasheet HTML 2Page - ON Semiconductor MC10SX1130DG Datasheet HTML 3Page - ON Semiconductor MC10SX1130DG Datasheet HTML 4Page - ON Semiconductor MC10SX1130DG Datasheet HTML 5Page - ON Semiconductor MC10SX1130DG Datasheet HTML 6Page - ON Semiconductor MC10SX1130DG Datasheet HTML 7Page - ON Semiconductor MC10SX1130DG Datasheet HTML 8Page - ON Semiconductor MC10SX1130DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC10SX1130
http://onsemi.com
7
First, the RSET resistor must be chosen to set the desired
nominal modulation current based on the following
equation:
RSET = VSET/IMOD (Equation 1)
The voltage at VSET is a function of the RTCO tracking
resistor, so the desired tracking rate (VTR) must also be
chosen. To determine this, the equation must be normalized
to correspond to how the LED has been specified.
Temp Co = VTR/VSET (Equation 2)
The data sheet has three temperature tracking rates for
different values of the RTCO resistor. By using the VSET
values at 25
°C and substituting those numbers into
Equation 2, normalized tracking rates can be calculated.
Table 5. Normalized Tracking at 25°C
RTCO
Tracking %/°C
Short
+0.20
1 KW
+0.52
2 KW
+0.89
To match the LED chosen, a 1 k
W resistor can be used.
Now that this is known, the value of the voltage at the VSET
can be substituted into Equation 1 to determine the value of
RSET resistor which, for this example is 10
W.
The Stretch circuit can be used to compensate for the
turn-on/turn-off delay of the LED. The circuit has been
designed for ease of use so the pin is designed to be strapped
to one of the two power plane levels to select the
pre-distortion value. If no pre-distortion is desired, the pin
can be left open. In this +5 V example, the maximum amount
of pre-distortion is desired, so the STRETCH pin is
connected to ground.
In addition a resistor must be placed between IOUT and
VCC. In selecting this resistor, just as in the case of the RSET,
the resistor type should be chosen to dissipate the worst case
power and derated for the worst case temperature. As a rule
of thumb, the voltage drop across the resistor should match
the forward voltage across the diode. The voltage can be
larger to minimize the power dissipated on chip when the
LED is not ’ON’. Although, the voltage drop across this
resistor should not be greater than 2 V. For this example:
R @ IOUT = VF/IMOD
IMOD(max) +
VSET@85 C
RSET
+ 855mV
10W
+ 86mA
°
R @ IOUT = 1.5V/86mA = 17W
Because of the positive tracking circuitry in the LED
driver, the modulation current will increase over
temperature. It is important to now go back and re-calculate
the numbers under the worst case environmental conditions
to ensure that operating conditions have not been exceeded.
Thermal Management
LED devices tend to require large amounts of current for
most efficient operation. This requirement is then translated
into the design of the LED Driver. When large modulation
currents are required, power dissipation becomes a critical
issue and the user must be concerned about the junction
temperature of the device. The following equation can be
used to estimate the junction temperature of a device in a
given environment:
TJ = TA + PD * qJA (Equation 3)
TJ
Junction Temperature
TA
Ambient Temperature
PD
Power Dissipation
qJA
Average Thermal Resistance
(Junction-Ambient)
A specially designed thermally enhanced leadframe has
been used to house the LED Driver. Below is a graph of the
average
qJA plotted against air flow.
Figure 4. Typical qJA versus Airflow
70
80
90
100
110
0
100
200
300
400
500
AIRFLOW (LFPM)
The power dissipation of the device has two components;
the quiescent power drain related to the pre-drive circuitry,
and the power dissipated in the current switch when driving
the LED.
Pd = Pstatic + Pswitching
(Equation 4)
The power dissipated in the current switch is a function of
the IMOD current, the LED forward voltage, and the value
of RSET. For example in a +5 V application, the following
equations can be used:
Pstatic = VCC * ICC (Equation 5)
Pswitching = (VCC-VF-VSET)* IMOD (Equation 6)


Similar Part No. - MC10SX1130DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

Similar Description - MC10SX1130DG

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com