Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1189 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10SX1189
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1189 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10SX1189 Datasheet HTML 1Page - ON Semiconductor MC10SX1189 Datasheet HTML 2Page - ON Semiconductor MC10SX1189 Datasheet HTML 3Page - ON Semiconductor MC10SX1189 Datasheet HTML 4Page - ON Semiconductor MC10SX1189 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10SX1189
http://onsemi.com
3
Table 2. DC CHARACTERISTICS (VCC = 5.0 V, VEE = 0 V)
Symbol
Characteristic
-40°C
25°C
85°C
Unit
Min
Typ Max Min
Typ Max Min
Typ Max
VOH
Output Voltage High (QR,QR)
VCC =5.0 V, GND = 0 V (Notes 1, 2)
3.92 4.05 4.22 3.97 4.11 4.27 4.00 4.16 4.30
V
VOL
Output Voltage Low (QR,QR)
VCC =5.0 V, GND = 0 V (Notes 1, 2)
3.05 3.23 3.35 3.07 3.24 3.37 3.10 3.25 3.41
V
VOH
Output Voltage High (QT,QT)
VCC =5.0 V, GND = 0 V (Notes 1, 3)
3.83 3.95 4.10 3.88 4.02 4.15 3.90 4.09 4.17
V
VOL
Output Voltage Low (QT,QT)
VCC =5.0 V, GND = 0 V (Notes 1, 3)
1.90 2.33 2.50 1.85 2.26 2.45 1.85 2.23 2.45
V
ICC
Quiescent Supply Current (Note 4)
20
25
42
23
27
47
25
28
47
mA
VIH
Input Voltage High (DR,DR & DT,DT)
VCC = 5.0 V, GND = 0 V (Note 1)
3.77
4.11 3.87
4.19 3.94
4.28
V
VIL
Input Voltage Low (DR,DR & DT,DT)
VCC = 5.0 V, GND = 0 V (Note 1)
3.05
3.50 3.05
3.52 3.05
3.56
V
VIH
Input Voltage High SEL
2.0
2.0
2.0
V
VIL
Input Voltage Low SEL
0.8
0.8
0.8
V
VBB
Output Reference Voltage
VCC = 5.0 V, GND = 0 V (Note 1)
3.57 3.63 3.70 3.65 3.70 3.75 3.69 3.75 3.81
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Values will track 1:1 with the VCC supply. VEE can vary +0.5 V to −0.5 V.
2. Outputs loaded with 50 W to VCC − 2.0 V.
3. Outputs loaded with 50 W to VCC − 3.0 V.
4. Outputs open circuited.


Similar Part No. - MC10SX1189

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1189DG ONSEMI-MC10SX1189DG Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
More results

Similar Description - MC10SX1189

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com