Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H173 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10H173
Description  Quad 2?묲nput Multiplexer/Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H173 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10H173 Datasheet HTML 1Page - ON Semiconductor MC10H173 Datasheet HTML 2Page - ON Semiconductor MC10H173 Datasheet HTML 3Page - ON Semiconductor MC10H173 Datasheet HTML 4Page - ON Semiconductor MC10H173 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H173
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current− Continuous
− Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range − Plastic
− Ceramic
−55 to +150
−55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (See Note 1.)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
73
66
73
mA
IinH
Input Current High
Pins 3−7 & 10−13
Pin 9
510
475
320
300
320
300
μA
IinL
Input Current Low
0.5
0.5
0.3
μA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
Data
Clock
Select
0.7
1.0
1.0
2.3
3.7
3.6
0.7
1.0
1.0
2.3
3.7
3.6
0.7
1.0
1.0
2.3
3.7
3.6
ns
tset
Set−up Time
Data
Select
0.7
1.0
0.7
1.0
0.7
1.0
ns
thold
Hold Time
Data
Select
0.7
1.0
0.7
1.0
0.7
1.0
ns
tr
Rise Time
0.7
2.4
0.7
2.4
0.7
2.4
ns
tf
Fall Time
0.7
2.4
0.7
2.4
0.7
2.4
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Iinear fpm is
maintained. Outputs are terminated through a 50−ohm resistor to −2.0 volts.


Similar Part No. - MC10H173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
More results

Similar Description - MC10H173

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com