Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1130DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC10SX1130DR2G
Description  LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC10SX1130DR2G Datasheet HTML 1Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 2Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 3Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 4Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 5Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 6Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 7Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 8Page - ON Semiconductor MC10SX1130DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC10SX1130
http://onsemi.com
4
Table 3. DC CHARACTERISTICS (RTCO = 1 kW ±5%, RSET = R at IOUT = R at IOUT = 10 W ±1%,
Unless Otherwise Noted)(Note 1)
Symbol
Characteristic
-40°C
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IIH
Input HIGH Current
(DIN, DIN Pins)
200
200
200
200
mA
IIL
Input LOW Current
(DIN, DIN Pins)
0.5
0.5
0.5
0.5
mA
ICC
Quiescent Supply Current
(No Load on RSET Pin)
12
17
24
12
17
24
12
18
24
12
19
24
mA
VIH
Input HIGH Voltage
(Note 2)
VCC = 5.0V, VEE = GND
VCC = GND, VEE = -4.5 to
-5.5V
3770
-1230
4110
-890
3830
-1170
4160
-840
3870
-1130
4190
-810
3940
-1060
4280
-720
mV
VIL
Input LOW Voltage
(Note 2)
VCC = 5.0V, VEE = GND
VCC = GND, VEE = -4.5 to
-5.5 V
3050
-1950
3500
-1500
3050
-1950
3520
-1480
3050
-1950
3520
-1480
3050
-1950
3555
-1445
mV
VBB
Output Reference Voltage
(Note 2)
VCC = 5.0 V, VEE = GND
VCC = GND, VEE = -4.5 to
-5.5 V
3570
-1430
3700
-1300
3620
-1380
3730
-1270
3650
-1350
3750
-1250
3690
-1310
3810
-1190
mV
VSET
Output Voltage at RSET
Pin
VCC = 5.0 V
RTCO = Short
VEE = GND
RTCO = 1 kW
RTCO = 2 kW
600
430
230
635
515
355
610
570
470
690
650
550
770
730
630
775
855
845
mV
VCC = GND (Note 3)
RTCO = Short
VEE = −5.2 V
RTCO = 1 kW
RTCO = 2 kW
-4400
-4570
-4770
-4365
-4485
-4645
-4390
-4430
-4530
-4310
-4350
-4450
-4230
-4270
-4370
-4225
-4145
-4155
IOon
Output ‘ON’ Current
(IOUT, IOUT Pins)
30
75
30
75
30
75
30
100
mA
IOoff
Output ‘OFF’ Current
(IOUT, IOUT Pins)
50
50
50
50
mA
VTR
VSET Tracking (Note 4)
Short Between RTCO1
and RTCO2
1 kW Between RTCO1
and RTCO2
2 kW Between RTCO1
and RTCO2
1.4
3.4
4.9
1.4
3.4
4.9
1.4
3.4
4.9
1.4
3.4
4.9
mV/°C
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10SX circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is
mounted in a test socket or mounted on a printed circuit board and transverse air greater than 500 lfm is maintained.
2. Note that in PECL applications, VIH, VIL, VBB will vary 1:1 with the VCC supply.
3. VSET tracks 1:1 with the VEE supply to maintain the same voltage across the RSET resistor.
4. VTR tracking measures the rate of change of the VSET voltage over temperature.


Similar Part No. - MC10SX1130DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
106Kb / 8P
   LED DRIVER
1996 REV 1
More results

Similar Description - MC10SX1130DR2G

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com