Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1190DTR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10SX1190DTR2
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190DTR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10SX1190DTR2 Datasheet HTML 1Page - ON Semiconductor MC10SX1190DTR2 Datasheet HTML 2Page - ON Semiconductor MC10SX1190DTR2 Datasheet HTML 3Page - ON Semiconductor MC10SX1190DTR2 Datasheet HTML 4Page - ON Semiconductor MC10SX1190DTR2 Datasheet HTML 5Page - ON Semiconductor MC10SX1190DTR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10SX1190
http://onsemi.com
2
FROM
INPUT CABLE
(ECL LEVELS)
LOCAL
RECEIVE DATA
(ECL LEVELS)
Figure 2. Logic Diagram
QR
QR
1
0
DR
DR
QT
QT
DT
DT
SEL (TTL)
VBB
LOCAL
TRANSMIT DATA
(ECL LEVELS)
TO OUTPUT
CABLE
(ENHANCED SWING)
Table 1. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage (VEE = 0 V)
0 to +6.0
Vdc
VEE
Power Supply Voltage (VCC = 0 V)
−6.0 to 0
Vdc
VIN
Input Voltage (VEE = 0 V, VIN not more positive than VCC)
0 to +6.0
Vdc
VIN
Input Voltage (VCC = 0 V, VIN not more negative than VEE)
−6.0 to 0
Vdc
IOUT
Output Current
Continuous
Surge
50
100
mA
qJA
Thermal Resistance (Junction−to−Ambient)
Still Air
500 lfpm
90
60
°C/W
qJC
Thermal Resistance (Junction−to−Case)
30 to 35
°C/W
TA
Operating Temperature Range
−40 to +85
°C
TSTG
Storage Temperature Range
−50 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Similar Part No. - MC10SX1190DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
More results

Similar Description - MC10SX1190DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com